Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V925BQGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5V925BQGI
Description  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5V925BQGI Datasheet HTML 7Page - Integrated Device Technology 5V925BQGI Datasheet HTML 8Page - Integrated Device Technology 5V925BQGI Datasheet HTML 9Page - Integrated Device Technology 5V925BQGI Datasheet HTML 10Page - Integrated Device Technology 5V925BQGI Datasheet HTML 11Page - Integrated Device Technology 5V925BQGI Datasheet HTML 12Page - Integrated Device Technology 5V925BQGI Datasheet HTML 13Page - Integrated Device Technology 5V925BQGI Datasheet HTML 14Page - Integrated Device Technology 5V925BQGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
11
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
Schematic Examples, continued
Figure 4B. IDT5V925BI Application Schematic with LVCMOS Reference Clock Input
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1uF capacitor in each power pin filter should be placed on the
device side of the PCB and the other components can be placed on
the opposite side.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for wide range of noise frequencies.
This low-pass filter starts to attenuate noise at approximately 10kHz.
If a specific frequency noise component is known, such as switching
power supply frequencies, it is recommended that component values
be adjusted and if required, additional filtering be added. Additionally,
good general design practices for power plane voltage stability
suggests adding bulk capacitances in the local area of all devices.
The schematic example focuses on functional connections and is not
configuration specific. Refer to the pin description and functional
tables in the datasheet to ensure the logic control inputs are properly
set.
Zo = 50 Ohm
To Logic
Input
pins
C6
0.1uF
Logic Control Input Examples
C7
0.1uF
RD2
1K
3.3V
C3
0.1uF
BLM18BB221SN2
Ferrite Bead
1
2
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S1
S0
GNDQ
VDDQ
X1
X2
CLKIN
FB
/OE
GND
Q/N
Q0
Q1
Q2
GND
VDD
VDDQ
Unused output can be left floating. There should
no trace attached to unused output. Device
characterized with all outputs terminated.
VDD=3.3V
RU1
1K
Set Logic
Input to
'1'
R2
33
VDD
C5
10uF
Zo = 50 Ohm
VDDQ=3.3V
R3
100
VDDQ
To Logic
Input
pins
BLM18BB221SN1
Ferrite Bead
1
2
Q0
Q1
RU2
Not Install
Ro ~ 7 Ohm
Q1
Driv er_LVCMOS
S1
/OE
Q/N
Zo = 50 Ohm
LVCMOS
Optional Termination
VDD
VDD
R1
33
R4
100
VDD
LVCMOS
C8
10uF
Q2
RD1
Not Install
Set Logic
Input to
'0'
3.3V
S2
R5
43
C4
0.1uF


Similar Part No. - 5V925BQGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - 5V925BQGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com