Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8N4Q001 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT8N4Q001
Description  Quad-Frequency Programmable XO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N4Q001 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT8N4Q001 Datasheet HTML 1Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 2Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 3Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 4Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 5Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 6Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 7Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 8Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IDT8N4Q001 REV G Data Sheet
QUAD-FREQUENCY PROGRAMMABLE-XO
IDT8N4Q001GCD
REVISION A MARCH 6, 2012
2
©2012 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. OE Configuration
NOTE: OE is an asynchronous control.
Table 3B. Output Frequency Range
NOTE: Supported output frequency range. The output frequency
can be programmed to any frequency in this range and to a precision
of 218Hz or better.
Number
Name
Type
Description
1
DNU
Do not use.
2
OE
Input
Pullup
Output enable pin. See Table 3A for function. LVCMOS/LVTTL interface levels.
3
GND
Power
Power supply ground.
5, 4
FSEL1, FSEL0
Input
Pulldown
Default frequency select pins. See the Default Frequency Order Codes section.
LVCMOS/LVTTL interface levels.
6, 7
Q, nQ
Output
Differential clock output. LVDS interface levels.
8
VDD
Power
Power supply pin.
9
SDATA
Input
Pullup
I2C Data Input. LVCMOS/LVTTL interface levels.
10
SCLK
Input
Pullup
I2C Clock Input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
5.5
pF
RPULLUP
Input Pullup Resistor
50
k
RPULLDOWN Input Pulldown Resistor
50
k
Input
Output Enable
OE
0
Outputs Q, nQ are in high-impedance state.
1 (default)
Outputs are enabled.
Output Frequency Ranges
15.476MHz to 866.67MHz
975MHz to 1,300MHz


Similar Part No. - IDT8N4Q001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001REVG RENESAS-IDT8N4Q001REVG Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
More results

Similar Description - IDT8N4Q001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3Q001 IDT-IDT8N3Q001 Datasheet
216Kb / 21P
   Quad-Frequency Programmable XO
IDT8N0Q001 IDT-IDT8N0Q001 Datasheet
446Kb / 17P
   Quad-Frequency Programmable XO
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N3Q001 RENESAS-IDT8N3Q001 Datasheet
455Kb / 22P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_06 Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
   Programmable XO
350 OSCILENT-350 Datasheet
143Kb / 3P
   Programmable XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com