Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8N4Q001 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT8N4Q001
Description  Quad-Frequency Programmable XO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8N4Q001 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8N4Q001 Datasheet HTML 1Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 2Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 3Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 4Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 5Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 6Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 7Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 8Page - Integrated Device Technology IDT8N4Q001 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
IDT8N4Q001GCD
REVISION A
MARCH 6, 2012
1
©2012 Integrated Device Technology, Inc.
Quad-Frequency Programmable XO IDT8N4Q001 REV G
General Description
The IDT8N4Q001 is a Quad-Frequency Programmable Clock
Oscillator with very flexible frequency programming capabilities. The
device uses IDT’s fourth generation FemtoClock® NG technology for
an optimum high clock frequency and low phase noise performance.
The device accepts 2.5V or 3.3V supply and is packaged in a small,
lead-free (RoHS 6) 10-lead ceramic 5mm x 7mm x 1.55mm package.
Besides the four default power-up frequencies set by the FSEL0 and
FSEL1 pins, the IDT8N4Q001 can be programmed via the I2C
interface to output clock frequencies between 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz to a very high degree of
precision with a frequency step size of 435.9Hz ÷ N (N is the PLL
output divider). Since the FSEL0 and FSEL1 pins are mapped to four
independent PLL divider registers (P, MINT, MFRAC and N),
reprogramming those registers to other frequencies under control of
FSEL0 and FSEL1 is supported. The extended temperature range
supports wireless infrastructure, telecommunication and networking
end equipment requirements.
Features
Fourth generation FemtoClock® NG technology
Programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
Four power-up default frequencies (see part number order
codes), re-programmable by I2C
I2C programming interface for the output clock frequency and
internal PLL control registers
Frequency programming resolution is 435.9Hz ÷N
One 2.5V, 3.3V LVDS clock output
Two control inputs for the power-up default frequency
LVCMOS/LVTTL compatible control inputs
RMS phase jitter @ 156.25MHz (12kHz - 20MHz): 0.253ps
(typical), integer PLL feedback configuration
RMS phase jitter @ 156.25MHz (1kHz - 40MHz): 0.263ps
(typical), integer PLL feedback configuration
Full 2.5V or 3.3V supply modes
-40°C to 85°C ambient operating temperature
Available in Lead-free (RoHS 6) package
IDT8N4Q001
10-lead ceramic 5mm x 7mm x 1.55mm
package body
CD Package
Top View
8 VDD
7 nQ
6 Q
DNU 1
OE 2
GND 3
Pin Assignment
Block Diagram
Q
nQ
OSC
fXTAL
÷MINT, MFRAC
PFD
&
LPF
FemtoClock® NG
VCO
1950-2600MHz
÷N
I2C Control
Configuration Register (ROM)
(Frequency, APR, Polarity)
25
7
FSEL1
FSEL0
SCLK
SDATA
OE
Pulldown
Pulldown
Pullup
Pullup
Pullup
÷P
2


Similar Part No. - IDT8N4Q001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001REVG RENESAS-IDT8N4Q001REVG Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
More results

Similar Description - IDT8N4Q001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3Q001 IDT-IDT8N3Q001 Datasheet
216Kb / 21P
   Quad-Frequency Programmable XO
IDT8N0Q001 IDT-IDT8N0Q001 Datasheet
446Kb / 17P
   Quad-Frequency Programmable XO
logo
Renesas Technology Corp
IDT8N0Q001 RENESAS-IDT8N0Q001 Datasheet
815Kb / 18P
   Quad-Frequency Programmable XO
APRIL 4, 2014
IDT8N3Q001 RENESAS-IDT8N3Q001 Datasheet
455Kb / 22P
   Quad-Frequency Programmable XO
MARCH 6, 2012
IDT8N4Q001 RENESAS-IDT8N4Q001 Datasheet
483Kb / 21P
   Quad-Frequency Programmable XO
MARCH 6, 2012
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702 Datasheet
124Kb / 7P
   Programmable High-Frequency Crystal Oscillator (XO)
CY25702 CYPRESS-CY25702_06 Datasheet
214Kb / 6P
   Programmable High-Frequency Crystal Oscillator (XO)
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
   Programmable XO
350 OSCILENT-350 Datasheet
143Kb / 3P
   Programmable XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com