Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V2310NRGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5V2310NRGI8
Description  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V2310NRGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

  5V2310NRGI8 Datasheet HTML 1Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 2Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 3Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 4Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 5Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 6Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 7Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 8Page - Integrated Device Technology 5V2310NRGI8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
INDUSTRIALTEMPERATURERANGE
IDT5V2310
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Test Load Circuit
Output Skew
TEST CIRCUITS AND WAVEFORMS
Voltage Waveforms Propagation Delay Times
Pulse Skew
NOTES:
1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics:
PRR
≤200MHz; ZO = 50Ω; tR < 1.2ns; tF < 1.2ns.
CLK
VDD
50% VDD
0V
tPLH
tPHL
1.7V or 2V
0.4V
0.4V
tR
tF
VOH
50% VDD
VOL
Yx
CLK
VDD
0V
VOH
VOH
VOL
VOL
50% VDD
50% VDD
tSK(O)
tSK(O)
Any Y
Any Y
VDD
VOH
0V
VOL
50% VDD
50% VDD
tPLH
tPHL
CLK
Yx
tSK(P) =tPLH
tPHL
FROM OUTPUT
UNDER TEST
CL
500


Similar Part No. - 5V2310NRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V2310PGGI RENESAS-5V2310PGGI Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
More results

Similar Description - 5V2310NRGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com