Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23S05-1DCG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 23S05-1DCG
Description  3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S05-1DCG Datasheet(HTML) 4 Page - Integrated Device Technology

  23S05-1DCG Datasheet HTML 1Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 2Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 3Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 4Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 5Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 6Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 7Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 8Page - Integrated Device Technology 23S05-1DCG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S05
3.3VZERODELAYCLOCKBUFFER,SPREADSPECTRUM
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
3
3.6
V
TA
OperatingTemperature(AmbientTemperature)
-40
+85
°C
CL
Load Capacitance < 100MHz
30
pF
Load Capacitance 100MHz - 133MHz
10
CIN
InputCapacitance
7
pF
OPERATING CONDITIONS - INDUSTRIAL
SWITCHING CHARACTERISTICS (23S05-1H) - COMMERCIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
10pF Load
10
133
MHz
30pF Load
10
100
Duty Cycle = t2 ÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
Duty Cycle = t2 ÷ t1
Measured at 1.4V, FOUT <50MHz
45
50
55
%
t3
Rise Time
Measured between 0.8V and 2V
1.5
ns
t4
Fall Time
Measured between 0.8V and 2V
1.5
ns
t5
Output to Output Skew
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate
Measured between 0.8V and 2V using Test Circuit #2
1
V/ns
tJ
Cycle-to-Cycle Jitter, pk - pk
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.
DC ELECTRICAL CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage Level
0.8
V
VIH
Input HIGH Voltage Level
2
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
OutputLOWVoltage
Standard Drive
IOL = 8mA
0.4
V
High Drive
IOL = 12mA (-1H)
VOH
Output HIGH Voltage
Standard Drive
IOH = -8mA
2.4
V
High Drive
IOH = -12mA (-1H)
IDD_PD
Power Down Current
REF = 0MHz
25
µA
IDD
Supply Current
Unloaded Outputs at 66.66MHz
35
mA


Similar Part No. - 23S05-1DCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S05-1DCG RENESAS-23S05-1DCG Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
23S05-1DCG8 RENESAS-23S05-1DCG8 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
23S05-1DCGI RENESAS-23S05-1DCGI Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
23S05-1DCGI8 RENESAS-23S05-1DCGI8 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results

Similar Description - 23S05-1DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09 IDT-IDT23S09_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S09E RENESAS-IDT23S09E Datasheet
231Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S09E IDT-IDT23S09E Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E IDT-IDT23S09E_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com