Electronic Components Datasheet Search |
|
23S05E-1DCG Datasheet(PDF) 3 Page - Integrated Device Technology |
|
23S05E-1DCG Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 8 page 3 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT23S05E 3.3VZERODELAYCLOCKBUFFER,SPREADSPECTRUM Symbol Parameter Min. Max. Unit VDD SupplyVoltage 3 3.6 V TA OperatingTemperature(AmbientTemperature) 0 70 °C CL Load Capacitance < 100MHz — 30 pF Load Capacitance 100MHz - 200MHz — 10 CIN InputCapacitance — 7 pF OPERATING CONDITIONS - COMMERCIAL DC ELECTRICAL CHARACTERISTICS - COMMERCIAL Symbol Parameter Conditions Min. Max. Unit VIL InputLOWVoltageLevel — 0.8 V VIH Input HIGH Voltage Level 2 — V IIL InputLOWCurrent VIN = 0V — 50 µA IIH Input HIGH Current VIN = VDD — 100 µA VOL OutputLOWVoltage StandardDrive IOL = 8mA — 0.4 V High Drive IOL = 12mA (-1H) VOH Output HIGH Voltage StandardDrive IOH = -8mA 2.4 — V High Drive IOH = -12mA (-1H) IDD_PD Power Down Current REF = 0MHz — 12 µA IDD Supply Current Unloaded Outputs at 66.66MHz — 32 mA SWITCHING CHARACTERISTICS (23S05E-1) - COMMERCIAL (1,2) Symbol Parameter Conditions Min. Typ. Max. Unit t1 OutputFrequency 10pFLoad 10 — 200 MHz 30pFLoad 10 — 100 Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT = 66.66MHz 40 50 60 % t3 Rise Time Measured between 0.8V and 2V — — 2.5 ns t4 Fall Time Measured between 0.8V and 2V — — 2.5 ns t5 Output to Output Skew Alloutputsequallyloaded — — 250 ps t6 Delay, REF Rising Edge to CLKOUT Rising Edge Measured at VDD/2 — 0 ±350 ps t7 Device-to-Device Skew Measured at VDD/2 on the CLKOUT pins of devices — 0 700 ps tJ Cycle-to-Cycle Jitter, pk - pk Measured at 66.66MHz, loaded outputs — — 200 ps tLOCK PLL Lock Time Stable power supply, valid clock presented on REF pin — — 1 ms NOTES: 1. REF Input has a threshold voltage of VDD/2. 2. All parameters specified with loaded outputs. |
Similar Part No. - 23S05E-1DCG |
|
Similar Description - 23S05E-1DCG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |