Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # KBJ6A
Description  Single-phase Silicon Bridge Rectifier Forward Current 6 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

KBJ6A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  KBJ6A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd KBJ6A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
150
6.0
1.1
40
塑封硅整流桥堆
反向电压
200---1000V
正向电流
6 A
V
μA
pF
IR
Cj
最大正向电压
IF = 3.0A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Single-phase Silicon Bridge Rectifier
Reverse Voltage 200 to 1000V
Forward Current 6 A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
机械数据
Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·浪涌承受能力:150A
S
urge overload rating: 150 Amperes peak
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
KBJ
6A
50
50
35
10
500
TA = 125℃
KBJ6A ...... KBJ6M
SIYU R
KBJ
6B
KBJ
6D
KBJ
6G
KBJ
6J
KBJ
6K
KBJ
6M
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
KBJ
6A
KBJ
6B
KBJ
6D
KBJ
6G
KBJ
6J
KBJ
6K
KBJ
6M
+
~
~-
.995(25.3)
.983(24.7)
.134(3.4)
.122(3.1)
.057(1.45)
.041(1.05)
.083(2.1)
.069(1.7)
.043(1.1)
.035(0.9)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
Unit:inch(mm)
.031(0.8)
.023(0.6)
.114(2.8)
.098(2.5)
.150(3.8)
.134(3.4)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
KBJ


Similar Part No. - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
51Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ6A DCCOM-KBJ6A Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
76Kb / 4P
   6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ6A BILIN-KBJ6A Datasheet
144Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
D3SB05 DACHANG-D3SB05 Datasheet
136Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com