Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ6M Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # KBJ6M
Description  Single-phase Silicon Bridge Rectifier Forward Current 6 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

KBJ6M Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  KBJ6M Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd KBJ6M Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线
Characteristic Curves
10
100
02
5
20
50
0
150
180
120
90
60
30
1
1.4
1.3
0.7
0.8
0.9
1.2
10
100
1.1
0.6
1.0
Pulse measurement
per diode
Tl=25℃
8.3 mS 8.3mS
1 Cycle
non-repetitive
Tj=25℃ before
VF Instantaneous Forward Voltage (V)
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
通过电流的周期
正向电压 VF(V)
浪涌特性曲线(最大值)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON REPETITIVE
大昌电子
DACHANG ELECTRONICS
0
40
80
120
160
0
4
8
2
6
管体温度 Tc(
°C)
Tc. Case temperature (°C)
+~
~
-
heatsink
sine wave R-load
with heatsink
Tc
KBJ6A ...... KBJ6M


Similar Part No. - KBJ6M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6M WTE-KBJ6M Datasheet
51Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ6M DCCOM-KBJ6M Datasheet
419Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6M WTE-KBJ6M Datasheet
76Kb / 4P
   6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6M DAESAN-KBJ6M Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ6M BILIN-KBJ6M Datasheet
144Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ6M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
D3SB05 DACHANG-D3SB05 Datasheet
136Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com