Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23S05T-1DCGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 23S05T-1DCGI
Description  2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S05T-1DCGI Datasheet(HTML) 1 Page - Integrated Device Technology

  23S05T-1DCGI Datasheet HTML 1Page - Integrated Device Technology 23S05T-1DCGI Datasheet HTML 2Page - Integrated Device Technology 23S05T-1DCGI Datasheet HTML 3Page - Integrated Device Technology 23S05T-1DCGI Datasheet HTML 4Page - Integrated Device Technology 23S05T-1DCGI Datasheet HTML 5Page - Integrated Device Technology 23S05T-1DCGI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S05T
2.5VZERODELAYCLOCKBUFFER,SPREADSPECTRUMCOMPATIBLE
MAY 2010
2006
Integrated Device Technology, Inc.
DSC 6397/11
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five outputs
• Zero Input-Output Delay
• Output Skew < 250ps
• Low jitter <200 ps cycle-to-cycle
• No external RC network required
• Operates at 2.5V VDD
• Power down mode
• Spread spectrum compatible
• Available in SOIC package
FUNCTIONAL BLOCK DIAGRAM
IDT23S05T
2.5V ZERO DELAY CLOCK
BUFFER, SPREAD SPECTRUM
COMPATIBLE
PLL
8
CLK1
CLK2
CLK3
CLK4
Control
Logic
REF
CLKOUT
1
3
2
5
7
DESCRIPTION:
The IDT23S05T is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 133MHz.
The IDT23S05T is an 8-pin version of the IDT23S09T. IDT23S05T
accepts one reference input, and drives out five low skew clocks. All parts
have on-chip PLLs which lock to an input clock on the REF pin. The PLL
feedback is on-chip and is obtained from the CLKOUT pad. In the absence
of an input clock, the IDT23S05T enters power down. In this mode, the
device will draw less than 12
µA for Commercial Temperature Range and
and less than 25
µA for Industrial temperature range, the outputs are tri-
stated, and the PLL is not running, resulting in a significant reduction of
power. The IDT23S05T is characterized for both Industrial and Commer-
cial operation.


Similar Part No. - 23S05T-1DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S05T-1DCGI RENESAS-23S05T-1DCGI Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
23S05T-1DCGI8 RENESAS-23S05T-1DCGI8 Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
More results

Similar Description - 23S05T-1DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S09T IDT-IDT23S09T Datasheet
61Kb / 6P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05T RENESAS-IDT23S05T Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
IDT23S09T RENESAS-IDT23S09T Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com