Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6M Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MB6M
Description  Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MB6M Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MB6M Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MB6M Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB8M
1000
1000
700
75
30
0.8
1.0
10
MB2M......MB10M
反向电压
200---1000V
正向电流
0.8 A
SIYU R
V
μA
pF
IR
Cj
最大正向电压
IF =0.4A
最大反向电流
TA= 25℃
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Reverse Voltage 200 to 1000 V
Forward Current 0.8A
Operating junction and storage temperature range
Tj, TSTG
大昌电子
DACHANG ELECTRONICS
RθJA
TC =100℃
典型结电容
VR = 4.0V, f = 1MHz
MB6M
600
600
420
MB4M
400
400
280
MB2M
200
200
140
5.0
500
TA = 100℃
Unit:mm
MBM
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·高温焊接保证High tempererature soldering guaranteed:
260℃/10 秒 260℃/10 seconds
·高电流浪涌承受能力
High surge current Capability
·引线和管体皆符合RoHS标准。
Lead and body according with RoHS standard
MB10M
800
800
560
MB8M
MB6M
MB4M
MB2M
MB10M
塑封硅整流桥堆
Single-phase Silicon Bridge Rectifier


Similar Part No. - MB6M

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MB6M HOTTECH-MB6M Datasheet
165Kb / 2P
   0.8 AMP BRIDGE RECTIFIERS
logo
General Semiconductor
MB6M GE-MB6M Datasheet
37Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Formosa MS
MB6M FORMOSA-MB6M Datasheet
158Kb / 6P
   0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
DONGGUAN YOU FENG WEI E...
MB6M YFWDIODE-MB6M Datasheet
82Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
MB6M YIXIN-MB6M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - MB6M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
GBL201 DACHANG-GBL201 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP201G DACHANG-KBP201G Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP301G DACHANG-KBP301G Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0A
D2SB20 DACHANG-D2SB20 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
D10SB20 DACHANG-D10SB20 Datasheet
134Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Rugao Dachang Electroni...
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
D20SB20 DACHANG-D20SB20 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 20A
D25SB20 DACHANG-D25SB20 Datasheet
183Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com