Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F804 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-F804
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F804 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-F804 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F804 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F804 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F804 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CE0
15
µA
Emitter-base cutoff current
VEB = 2 V, IC = 0
IEB0
––10
DC current gain
IC = 14 mA, VCE = 10 V
hFE
20
50
nA
Collector-base cutoff current
VCB = 10 V, IE = 0
ICB0
––50
AC Characteristics
Power gain
IC = 14 mA, VCE = 10 V, f = 800 MHz,
ZS = ZSopt, ZL = ZLopt
Gpe
–17
GHz
Transition frequency
IC = 14 mA, VCE = 10 V, f = 500 MHz
fT
–5–
Output capacitance
VCE = 10 V, VBE = vbe = 0, f = 1 MHz
Cobs
0.9
dB
Noise figure
IC = 5 mA, VCE = 6 V, f = 10 MHz, ZS = 75
IC = 4 mA, VCE = 10 V, f = 800 MHz, ZS = ZSopt
F
1.8
2.5
pF
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
Ccb
0.55
Input capacitance
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
Cibo
1.2
BFQ 76


Similar Part No. - Q62702-F804

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F803 SIEMENS-Q62702-F803 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
More results

Similar Description - Q62702-F804

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFQ82 SIEMENS-BFQ82 Datasheet
400Kb / 18P
   NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com