Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23S09-1DCGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 23S09-1DCGI
Description  3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S09-1DCGI Datasheet(HTML) 2 Page - Integrated Device Technology

  23S09-1DCGI Datasheet HTML 1Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 2Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 3Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 4Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 5Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 6Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 7Page - Integrated Device Technology 23S09-1DCGI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S09
3.3VZERODELAYCLOCKBUFFER
PIN CONFIGURATION
SOIC/ TSSOP
TOP VIEW
Symbol
Rating
Max.
Unit
VDD
SupplyVoltageRange
–0.5 to +4.6
V
VI(2)
InputVoltageRange(REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5to
V
(except REF)
VDD+0.5
IIK (VI < 0)
InputClampCurrent
–50
mA
IO (VO = 0 to VDD)
ContinuousOutputCurrent
±50
mA
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(instillair)(3)
TSTG
StorageTemperatureRange
–65to+150
°C
Operating
CommercialTemperature
0 to +70
°C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150°C and a board trace length of 750 mils.
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)
Pin Name
Pin Number
Type
Functional Description
REF(1)
1
IN
Input reference clock, 5 Volt tolerant input
CLKA1(2)
2
Out
Output clock for bank A
CLKA2(2)
3
Out
Output clock for bank A
VDD
4, 13
PWR
3.3V Supply
GND
5, 12
GND
Ground
CLKB1(2)
6
Out
Output clock for bank B
CLKB2(2)
7
Out
Output clock for bank B
S2(3)
8
IN
Select input Bit 2
S1(3)
9
IN
Select input Bit 1
CLKB3(2)
10
Out
Output clock for bank B
CLKB4(2)
11
Out
Output clock for bank B
CLKA3(2)
14
Out
Output clock for bank A
CLKA4(2)
15
Out
Output clock for bank A
CLKOUT(2)
16
Out
Output clock, internal feedback on this pin
APPLICATIONS:
SDRAM
Telecom
Datacom
PC Motherboards/Workstations
Critical Path Delay Designs
REF
CLKA1
S2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CLKA2
GND
CLKB1
CLKOUT
CLKA4
GND
S1
VDD
VDD
CLKB2
CLKB3
CLKB4
CLKA3


Similar Part No. - 23S09-1DCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S09-1DCGI RENESAS-23S09-1DCGI Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
23S09-1DCGI8 RENESAS-23S09-1DCGI8 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
More results

Similar Description - 23S09-1DCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S09E RENESAS-IDT23S09E Datasheet
231Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S09E IDT-IDT23S09E Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E IDT-IDT23S09E_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com