Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S09E Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT23S09E
Description  3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S09E Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT23S09E_09 Datasheet HTML 1Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 2Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 3Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 4Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 5Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 6Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 7Page - Integrated Device Technology IDT23S09E_09 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S09E
3.3VZERODELAYCLOCKBUFFER
MAY 2010
2006 Integrated Device Technology, Inc.
DSC - 6399/11
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 200MHz operating frequency
• Distributes one clock input to one bank of five and one bank of
four outputs
• Separate output enable for each output bank
• Output Skew < 250ps
• Low jitter <200 ps cycle-to-cycle
• IDT23S09E-1 for Standard Drive
• IDT23S09E-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Spread spectrum compatible
• Available in SOIC and TSSOP packages
IDT23S09E
3.3V ZERO DELAY
CLOCK BUFFER, SPREAD
SPECTRUM COMPATIBLE
DESCRIPTION:
The IDT23S09E is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 200MHz.
The IDT23S09E is a 16-pin version of the IDT23S05E. The IDT23S09E
accepts one reference input, and drives two banks of four low skew clocks.
The -1H version of this device operates up to 200MHz frequency and has
higher drive than the -1 device. All parts have on-chip PLLs which lock
to an input clock on the REF pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad. In the absence of an input clock, the
IDT23S09E enters power down. In this mode, the device will draw less
than 12µA for Commercial Temperature range and less than 25µA for
Industrial temperature range, and the outputs are tri-stated.
The IDT23S09E is characterized for both Industrial and Commercial
operation.
PLL
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Control
Logic
1
REF
S2
16
CLKOUT
8
9
2
3
14
15
6
7
10
11
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT23S09E_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S09E-1DC IDT-IDT23S09E-1DC Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E-1DCI IDT-IDT23S09E-1DCI Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E-1HDC IDT-IDT23S09E-1HDC Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E-1HDCI IDT-IDT23S09E-1HDCI Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E-1HPG IDT-IDT23S09E-1HPG Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S09E_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09 IDT-IDT23S09_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S09E RENESAS-IDT23S09E Datasheet
231Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S09E IDT-IDT23S09E Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com