Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23S09-1HDCG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 23S09-1HDCG
Description  3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S09-1HDCG Datasheet(HTML) 8 Page - Integrated Device Technology

  23S09-1HDCG Datasheet HTML 1Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 2Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 3Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 4Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 5Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 6Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 7Page - Integrated Device Technology 23S09-1HDCG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S09
3.3VZERODELAYCLOCKBUFFER
ORDERING INFORMATION
IDT
XXXXX
XX
X
Package
Process
Device Type
Blank
I
23S09-1
23S09-1H
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Zero Delay Clock Buffer with High Drive,
Spread Spectrum Compatible
Small Outline
SOIC - Green
Thin Shrink Small Outline Package
TSSOP - Green
DC
DCG
PG
PGG
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
clockhelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Part / Order Number
Shipping Packaging
Package
Temperature
23S09-1DCG
Tubes
16-pin SOIC
0° to +70° C
23S09-1DCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S09-1DCGI
Tubes
16-pin SOIC
-40° to +85°C
23S09-1DCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S09-1HDCG
Tubes
16-pin SOIC
0° to +70° C
23S09-1HDCG8
Tape and Reel
16-pin SOIC
0° to +70° C
23S09-1HDCGI
Tubes
16-pin SOIC
-40° to +85°C
23S09-1HDCGI8
Tape and Reel
16-pin SOIC
-40° to +85°C
23S09-1HPGG
Tubes
16-pin TSSOP
0° to +70° C
23S09-1HPGG8
Tape and Reel
16-pin TSSOP
0° to +70° C
23S09-1HPGGI
Tubes
16-pin TSSOP
-40° to +85°C
23S09-1HPGGI8
Tape and Reel
16-pin TSSOP
-40° to +85°C


Similar Part No. - 23S09-1HDCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S09-1HDCG RENESAS-23S09-1HDCG Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
23S09-1HDCG8 RENESAS-23S09-1HDCG8 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
23S09-1HDCGI RENESAS-23S09-1HDCGI Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
23S09-1HDCGI8 RENESAS-23S09-1HDCGI8 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
More results

Similar Description - 23S09-1HDCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E Datasheet
53Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05E RENESAS-IDT23S05E Datasheet
227Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S09E RENESAS-IDT23S09E Datasheet
231Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S09E IDT-IDT23S09E Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S09E IDT-IDT23S09E_09 Datasheet
73Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com