Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR880 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MBR880
Description  Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBR880 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MBR880 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBR880 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
40
45
50
60
80
40
45
50
60
80
100
28
31.5
35425670
2.0
150
8.0
0.5
15
250
SIYU R
V
mA
pF
IR
Cj
最大正向电压
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=100℃
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
· 低功耗高效率。
Low Power Loss,High Efficiency
MBR
840
MBR840 ...... MBR8200
肖特基二极管
反向电压
40---200V
正向电流
8.0 A
Schottky Barrier Rectifier
Reverse Voltage 40 to 200 V
Forward Current 8.0 A
MBR
845
MBR
850
MBR
860
MBR
880
MBR
8100
MBR
840
MBR
845
MBR
850
MBR
860
MBR
880
MBR
8150
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
IF = 8.0A
0.70
0.80
大昌电子
DACHANG ELECTRONICS
MBR
8100
MBR
8200
MBR
8150
MBR
8200
150
150
105
200
200
140
0.95
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
0.85
0.99
12
.420(10.67)
.380(9.65)
.270(6.86)
.230(5.84)
.138(3.5)
MAX
.028(0.7)
.019(0.5)
Φ.138(3.5)
Φ.118(3.0)
.109(2.79)
.090(2.29)
.109(2.79)
.090(2.29)
.500(12.70)
MIN
.115(2.92)
.080(2.03)
.025(0.65)
MAX
.625(15.88)
.560(14.22)
.054(1.4)
.045(1.14)
.189(4.8)
.138(3.5)
Unit:inch(mm)
TO-220AC
1
2
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m


Similar Part No. - MBR880

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBR880 BILIN-MBR880 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR880 MCC-MBR880 Datasheet
187Kb / 3P
   8 Amp Schottky Rectifier 70-100 Volts
logo
Sirectifier Semiconduct...
MBR880 SIRECTIFIER-MBR880 Datasheet
82Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
MBR880 CHENDA-MBR880 Datasheet
487Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MBR880 PANJIT-MBR880 Datasheet
84Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR880

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com