Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23S08-2DCGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 23S08-2DCGI8
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

23S08-2DCGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  23S08-2DCGI8 Datasheet HTML 1Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 2Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 3Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 4Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 5Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 6Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 7Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 8Page - Integrated Device Technology 23S08-2DCGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08
3.3V ZERO DELAY CLOCK MULTIPLIER
Device
FeedbackFrom
Bank A Frequency
Bank B Frequency
IDT23S08-1
Bank A or Bank B
Reference
Reference
IDT23S08-1H
Bank A or Bank B
Reference
Reference
IDT23S08-2
Bank A
Reference
Reference/2
IDT23S08-2
Bank B
2 x Reference
Reference
IDT23S08-2H(1)
Bank A
Reference
Reference/2
IDT23S08-2H(1)
Bank B
2 x Reference
Reference
IDT23S08-3(1)
Bank A
2 x Reference
ReferenceorReference(2)
IDT23S08-3(1)
Bank B
4 x Reference
2 x Reference
IDT23S08-4
Bank A or Bank B
2 x Reference
2 x Reference
IDT23S08-5H
Bank A or Bank B
Reference/2
Reference/2
NOTES:
1. Contact factory for availability.
2. Output phase is indeterminant (0° or 180° from input clock).
AVAILABLE OPTIONS FOR IDT23S08
S2
S1
CLK A
CLK B
Output Source
PLL Shut Down
L
L
Tri-State
Tri-State
PLL
Y
L
H
Driven
Tri-State
PLL
N
H
L
Driven
Driven
REF
Y
H
H
Driven
Driven
PLL
N
FUNCTION TABLE(1) SELECT INPUT DECODING
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
SPREAD SPECTRUM COMPATIBLE
Many systems being designed now use a technology called Spread Spectrum Frequency Timing Generation. This product is designed not to filter
off the Spread Spectrum feature of the reference input, assuming it exists. When a zero delay buffer is not designed to pass the Spread Spectrum feature
through, the result is a significant amount of tracking skew, which may cause problems in systems requiring synchronization.


Similar Part No. - 23S08-2DCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23S08-2DCGI8 RENESAS-23S08-2DCGI8 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
More results

Similar Description - 23S08-2DCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com