Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49FCT806PYG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 49FCT806PYG
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

49FCT806PYG Datasheet(HTML) 3 Page - Integrated Device Technology

  49FCT806PYG Datasheet HTML 1Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 2Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 3Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 4Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 5Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 6Page - Integrated Device Technology 49FCT806PYG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
IDT49FCT806/A
FAST CMOSBUFFER/CLOCKDRIVER
COMMERCIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC - 0.2V
Commercial: TA = 0°C to +70°C, VCC = 5V ± 5%
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = VCC
——
±1µA
IIL
InputLOWCurrent
VCC = Max.
VI = GND
±1µA
IOZH
OffState(Hi-Z)OutputCurrent
VCC = Max.
VO = VCC
——
±1µA
IOZL
VO = GND
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3)
–60
–120
mA
VCC = 3V, VIN = VLC or VHC
IOH = –32
µAVHC
VCC
VOH
Output HIGH Voltage
VCC = Min.
IOH = –300
µAVHC
VCC
—V
VIN = VIH or VIL
IOH = –15mA
3.6
4.3
IOH = –24mA
2.4
3.8
VCC = 3V, VIN = VLC or VHC
IOL = 300
µA
GND
VLC
VOL
OutputLOWVoltage
VCC = Min.
IOL = 300mA
GND
VLC
V
VIN = VIH or VIL
IOL = 64mA
0.3
0.55
VH
Input Hysteresis for all inputs
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
5
500
µA
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.


Similar Part No. - 49FCT806PYG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
49FCT806PYG RENESAS-49FCT806PYG Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results

Similar Description - 49FCT806PYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com