Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9230 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC9230
Description  800MHz Low Voltage PECL Clock Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9230 Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC9230 Datasheet HTML 1Page - Integrated Device Technology MPC9230 Datasheet HTML 2Page - Integrated Device Technology MPC9230 Datasheet HTML 3Page - Integrated Device Technology MPC9230 Datasheet HTML 4Page - Integrated Device Technology MPC9230 Datasheet HTML 5Page - Integrated Device Technology MPC9230 Datasheet HTML 6Page - Integrated Device Technology MPC9230 Datasheet HTML 7Page - Integrated Device Technology MPC9230 Datasheet HTML 8Page - Integrated Device Technology MPC9230 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MPC9230 REVISION 8 MARCH 29, 2010
5
©2010 Integrated Device Technology, Inc.
MPC9230 Data Sheet
800MHZ LOW VOLTAGE PECL CLOCK SYNTHESIZER
Table 7. AC Characteristics (VCC = 3.3 V ± 5%, TA = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS Control Inputs (FREF_EXT, XTAL_SEL, P_LOAD, S_LOAD, S_DATA, S_CLOCK, M[0:8], N[0:1]. OE)
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
±200
µA
VIN = VCC or GND
Differential Clock Output FOUT(2)
2. Outputs terminated 50
Ω to VTT = VCC – 2 V.
VOH
Output High Voltage
VCC–1.1
VCC–0.74
V
LVPECL
VOL
Output Low Voltage
VCC–1.95
VCC–1.65
V
LVPECL
Test and Diagnosis Output TEST
VOH
Output High Voltage
VCC–1.1
VCC–0.74
V
LVPECL
VOL
Output Low Voltage
VCC–1.95
VCC–1.65
V
LVPECL
Supply Current
ICC_PLL
Maximum PLL Supply Current
20
mA
VCC_PLL Pins
ICC
Maximum Supply Current
110
mA
All VCC Pins


Similar Part No. - MPC9230

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
More results

Similar Description - MPC9230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
   400MHz Low Voltage PECL Clock Synthesizer
2019
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
logo
Renesas Technology Corp
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
   PECL CLOCK SYNTHESIZER
041905
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
   PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
   Low-Voltage PECL Differential Clock
logo
Renesas Technology Corp
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
   900MHz, Low Voltage LVPECL Clock Synthesizer
2019
logo
Micrel Semiconductor
SY89207L MICREL-SY89207L Datasheet
55Kb / 6P
   3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com