Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE11 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # P4KE11
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P4KE11 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  P4KE11 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P4KE11 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P4KE11 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P4KE11 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIYU R
P4KE6.8 ...... P4KE440A
5.0
24.0
1.0
18.2
1.0
13.7
13.2
1.0
12.6
1.0
14.3
1.0
13.7
1.0
16.5
1.0
15.8
1.0
17.6
1.0
16.8
1.0
19.8
1.0
18.9
1.0
22.0
1.0
21.0
1.0
17.8
P4KE 12
P4KE 12A
P4KE 13
P4KE 13A
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
23.1
21.1
22.0
18.9
17.0
15.1
15.9
14.4
1.0
13.6
14.5
12.8
12.9
11.1
12.1
10.2
10.5
17.1
15.3
16.2
9.72
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
10.8
11.4
11.7
12.4
13.5
14.3
14.4
15.2
16.2
17.1
18.0
19.0
17.3
16.7
22.0
29.1
22.5
19.0
18.2
21.2
23.5
26.5
25.2
27.7
0.086
0.088
0.084
0.086
0.081
0.084
0.078
0.081
0.090
0.088
0.090
0.076
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
ID (μA)
IPPM (A)
VC (V)
% / ℃
P4KE 15
P4KE 15A
P4KE 16
P4KE 16A
P4KE 18
P4KE 18A
P4KE 20
P4KE 20A
最大温度系数
Maximum
Temperature
Coefficient
P4KE 22
P4KE 22A
P4KE 24
P4KE 24A
P4KE 27
P4KE 27A
P4KE 30
P4KE 30A
P4KE 33
P4KE 33A
P4KE 36
P4KE 36A
P4KE 39
P4KE 39A
P4KE 43
P4KE 43A
P4KE 47
P4KE 47A
P4KE 51
P4KE 51A
P4KE 56
P4KE 56A
P4KE 62
P4KE 62A
P4KE 68A
P4KE 68
P4KE 75A
P46KE 75
1.0
12.5
1.0
12.0
1.0
8.8
24.2
1.0
23.1
1.0
26.4
1.0
25.2
1.0
29.7
1.0
28.4
1.0
33.0
1.0
31.5
1.0
36.3
1.0
34.7
1.0
39.6
1.0
9.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
13.1
11.5
10.2
10.7
9.7
8.4
7.7
1.0
24.3
25.6
21.8
23.1
19.4
20.5
17.8
18.8
29.1
26.8
28.2
19.8
20.9
21.6
22.8
24.3
25.7
27.0
28.5
29.7
31.4
32.4
31.9
33.2
45.7
43.5
30.6
34.7
39.1
37.55
41.4
47.7
52.0
0.097
0.097
0.096
0.096
0.094
0.094
0.092
0.092
0.099
0.098
0.098
1.0
8.0
1.0
6.5
1.0
5.0
37.8
1.0
42.9
1.0
41.0
1.0
47.3
1.0
45.2
1.0
51.7
1.0
49.4
1.0
56.1
1.0
53.6
1.0
61.6
1.0
58.8
1.0
6.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
7.1
7.4
6.7
5.9
5.4
5.7
5.2
1.0
40.2
41.3
36.8
38.1
33.3
34.8
30.8
31.6
47.8
43.6
45.4
34.2
35.1
37.1
38.7
40.9
42.3
44.7
45.9
48.5
50.4
53.2
49.9
61.9
80.5
64.8
56.4
53.9
59.3
67.8
73.5
70.1
77.0
0.101
0.102
0.101
0.101
0.100
0.101
0.099
0.100
0.103
0.102
0.103
1.0
3.7
68.2
1.0
65.1
1.0
74.8
1.0
71.4
1.0
82.5
1.0
78.8
1.0
4.7
1.0
1.0
1.0
1.0
4.5
4.1
4.3
3.9
1.0
53.0
55.1
50.2
64.1
58.1
60.7
55.8
58.9
61.2
64.6
67.5
71.3
108
85.0
89.0
98.0
92.0
103
0.104
0.104
0.104
0.105
0.104
0.105
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P4KE11

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P4KE11 LUGUANG-P4KE11 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P4KE11 PANJIT-P4KE11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Anova Technologies CO.,...
P4KE11 ANOVA-P4KE11 Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
P4KE11 LUGUANG-P4KE11 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE11 DIOTEC-P4KE11 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE11

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com