Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE24 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # P6KE24
Description  Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P6KE24 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  P6KE24 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P6KE24 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P6KE24 Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P6KE24 Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0
35.9
1.0
27.3
1.0
20.6
13.2
1.0
12.6
1.0
14.3
1.0
13.7
1.0
16.5
1.0
15.8
1.0
17.6
1.0
16.8
1.0
19.8
1.0
18.9
1.0
22.0
1.0
21.0
1.0
26.7
P6KE 12
P6KE 12A
P6KE 13
P6KE 13A
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
34.7
31.6
33.0
28.3
25.5
22.6
23.8
21.7
1.0
13.6
14.5
12.8
12.9
11.1
12.1
10.2
10.5
17.1
15.3
16.2
9.72
10.8
11.4
11.7
12.4
13.5
14.3
14.4
15.2
16.2
17.1
18.0
19.0
17.3
16.7
22.0
29.1
22.5
19.0
18.2
21.2
23.5
26.5
25.2
27.7
0.086
0.088
0.084
0.086
0.081
0.084
0.078
0.081
0.090
0.088
0.090
0.076
P6KE 15
P6KE 15A
P6KE 16
P6KE 16A
P6KE 18
P6KE 18A
P6KE 20
P6KE 20A
P6KE 22
P6KE 22A
P6KE 24
P6KE 24A
P6KE 27
P6KE 27A
P6KE 30
P6KE 30A
P6KE 33
P6KE 33A
P6KE 36
P6KE 36A
P6KE 39
P6KE 39A
P6KE 43
P6KE 43A
P6KE 47
P6KE 47A
P6KE 51
P6KE 51A
P6KE 56
P6KE 56A
P6KE 62
P6KE 62A
P6KE 68A
P6KE 68
P6KE 75A
P6KE 75
1.0
18.8
1.0
18.1
1.0
13.1
24.2
1.0
23.1
1.0
26.4
1.0
25.2
1.0
29.7
1.0
28.4
1.0
33.0
1.0
31.5
1.0
36.3
1.0
34.7
1.0
39.6
1.0
13.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
19.6
17.3
15.3
16.0
14.5
12.6
11.5
1.0
24.3
25.6
21.8
23.1
19.4
20.5
17.8
18.8
29.1
26.8
28.2
19.8
20.9
21.6
22.8
24.3
25.7
27.0
28.5
29.7
31.4
32.4
31.9
33.2
45.7
43.5
30.6
34.7
39.1
37.55
41.4
47.7
52.0
0.097
0.097
0.096
0.096
0.094
0.094
0.092
0.092
0.099
0.098
0.098
1.0
12.0
1.0
9.7
1.0
7.5
37.8
1.0
42.9
1.0
41.0
1.0
47.3
1.0
45.2
1.0
51.7
1.0
49.4
1.0
56.1
1.0
53.6
1.0
61.6
1.0
58.8
1.0
9.3
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10.6
11.1
10.1
8.8
8.2
8.6
7.8
1.0
40.2
41.3
36.8
38.1
33.3
34.8
30.8
31.6
47.8
43.6
45.4
34.2
35.1
37.1
38.7
40.9
42.3
44.7
45.9
48.5
50.4
53.2
49.9
61.9
80.5
64.8
56.4
53.9
59.3
67.8
73.5
70.1
77.0
0.101
0.102
0.101
0.101
0.100
0.101
0.099
0.100
0.103
0.102
0.103
1.0
5.6
68.2
1.0
65.1
1.0
74.8
1.0
71.4
1.0
82.5
1.0
78.8
1.0
7.1
1.0
1.0
1.0
1.0
6.7
6.1
6.5
5.8
1.0
53.0
55.1
50.2
64.1
58.1
60.7
55.8
58.9
61.2
64.6
67.5
71.3
108
85.0
89.0
98.0
92.0
103
0.104
0.104
0.104
0.105
0.104
0.105
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
最大温度系数
Maximum
Temperature
Coefficient
ID (μA)
IPPM (A)
VC (V)
% / ℃
SIYU R
P6KE6.8 ...... P6KE440A
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P6KE24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE24 PANJIT-P6KE24 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE24 ZSELEC-P6KE24 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
P6KE24 MCC-P6KE24 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Microsemi Corporation
P6KE24 MICROSEMI-P6KE24 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE24 LRC-P6KE24 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE24

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com