Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90E36 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 90E36
Description  Poly-Phase High-Performance Wide-Span Energy Metering IC
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E36 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 90E36 Datasheet HTML 3Page - Integrated Device Technology 90E36 Datasheet HTML 4Page - Integrated Device Technology 90E36 Datasheet HTML 5Page - Integrated Device Technology 90E36 Datasheet HTML 6Page - Integrated Device Technology 90E36 Datasheet HTML 7Page - Integrated Device Technology 90E36 Datasheet HTML 8Page - Integrated Device Technology 90E36 Datasheet HTML 9Page - Integrated Device Technology 90E36 Datasheet HTML 10Page - Integrated Device Technology 90E36 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7
December 9, 2011
90E36
Preliminary Information*
 2011 Integrated Device Technology, Inc.
*Notice: The information in this document is subject to change without notice
Poly-Phase High-Performance
Wide-Span Energy Metering IC
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
Metering Features
• Metering features fully in compliance with the requirements of
IEC62052-11, IEC62053-22 and IEC62053-23, ANSI C12.1 and
ANSI C12.20; applicable in class 0.5S or class 1 poly-phase
watt-hour meter or class 2 poly-phase var-hour meter.
• Accuracy of ±0.1% for active energy and ±0.2% for reactive
energy over the dynamic range of 6000:1.
• Temperature coefficient is 6 ppm/ ℃ (typical) for on-chip refer-
ence voltage.
• Single-point calibration on each phase over the whole dynamic
range for active energy; no calibration needed for reactive/
apparent energy.
• ±1 ℃ (typical) temperature sensor accuracy.
• Electrical parameters measurement: less than ±0.5% fiducial
error for Vrms, Irms, mean active/ reactive/ apparent power, fre-
quency, power factor and phase angle.
• Active (forward/reverse), reactive (forward/reverse), apparent
energy with independent energy registers. Active/ reactive/
apparent energy can be output by pulse or read through energy
registers to adapt to different applications.
• Programmable startup and no-load power threshold, special
designed of startup and no-load circuits to eliminate crosstalk
among phases achieving better accuracy especially at low
power conditions.
• Dedicated ADC and different gains for phase A/B/C and Neutral
line current sampling circuits. Current sampled over current
transformer (CT) or Rogowski coil (di/dt coil); phase A/B/C volt-
age sampled over resistor divider network or potential trans-
former (PT).
• Programmable power modes: Normal mode (N mode), Idle
mode (I mode), Detection mode (D mode) and Partial Measure-
ment mode (M mode).
• Fundamental (CF3, 0.2%) and harmonic (CF4, 1%) active
energy with dedicated energy and power registers.
• Total Harmonic Distortion (THD) and Discrete Fourier Transform
(DFT) functions for 2 ~ 32 order harmonic component. THD and
DFT results available in SPI accessible registers. Both voltage
and current of all phases processed within the same time period.
• Event detection: sag, phase loss, reverse voltage/ current phase
sequence, reverse flow, calculated neutral line current INC over-
current sampled neutral line current INS overcurrent and THD+N
over-threshold.
Other Features
• 3.3V single power supply. Operating voltage range: 2.8V~3.6V.
Metering accuracy guaranteed within 3.0V~3.6V.
• Four-wire SPI interface with Direct Memory Access (DMA) mode
to stream out 7-channel ADC raw data.
• Parameter diagnosis function and programmable interrupt output
of the IRQ interrupt signals and the WarnOut signal.
• Programmable voltage sag detection and zero-crossing output.
• CF1/CF2/CF3/CF4 output active/ reactive/ apparent energy
pulses and fundamental/ harmonic energy pulses respectively.
• Crystal oscillator frequency: 16.384 MHz. On-chip two capacitors
and no need of external capacitors.
• TQFP48 package.
• Operating temperature: -40 ℃ ~ +85 ℃ .
APPLICATION
• Poly-phase energy meters of class 0.5S and class 1 which are
used in three-phase four-wire (3P4W, Y0) or three-phase three-
wire (3P3W, Y or ∆) systems.
• Data Acquisition Terminal.
• Power monitoring instruments which need to measure voltage,
current, THD, DFT, mean power, etc.
GENERAL DESCRIPTION
The 90E36 is a poly-phase high performance wide-dynamic range
metering IC. The 90E36 incorporates 7 independent 2nd order sigma-
delta ADCs, which could be employed in three voltage channels (phase
A, B and C) and four current channels (phase A, B, C and neutral line) in
a typical three-phase four-wire system.
The 90E36 has an embedded DSP which executes calculation of
active energy, reactive energy, apparent energy, fundamental and har-
monic active energy over ADC signal and on-chip reference voltage.
The DSP also calculates measurement parameters such as voltage and
current RMS value as well as mean active/reactive/apparent power.
A four-wire SPI interface is provided between the 90E36 and the
external microcontroller. In addition, DMA mode can be used for 7-chan-
nel ADC raw data access, offering more flexibility in system application.
The 90E36 is suitable for poly-phase multi-function meters which
could measure active/reactive/apparent energy and fundamental/har-
monic energy either through four independent energy pulse outputs
CF1/CF2/CF3/CF4 or through the corresponding registers.
With the on-chip THD and DFT engine, all phases' THD and DFT
results can be directly accessed through related registers, thus simplify-
ing hardware design in Data Acquisition Terminals.
IDT's proprietary ADC and auto-temperature compensation technol-
ogy for reference voltage ensure the 90E36's long-term stability over
variations in grid and ambient environment conditions.


Similar Part No. - 90E36

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
ATMEL Corporation
90E32A ATMEL-90E32A_14 Datasheet
594Kb / 71P
   Poly-Phase High-Performance
More results

Similar Description - 90E36

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
ATMEL Corporation
ATM90E32AS ATMEL-ATM90E32AS Datasheet
789Kb / 84P
   Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
M90E36A ATMEL-M90E36A Datasheet
998Kb / 87P
   Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Integrated Device Techn...
90E21 IDT-90E21 Datasheet
793Kb / 57P
   Single-Phase High-Performance Wide-Span Energy Metering IC
logo
ATMEL Corporation
M90E32AS ATMEL-M90E32AS_14 Datasheet
1Mb / 84P
   Enhanced Poly-Phase High-Performance Wide-Span
M90E36A ATMEL-M90E36A_14 Datasheet
996Kb / 87P
   Enhanced Poly-Phase High-Performance Wide-Span
M90E25 ATMEL-M90E25_14 Datasheet
546Kb / 57P
   Single-Phase High-Performance Wide-Span Energy
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
REV. A
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
   Poly-phase Multi-Function Energy Metering IC with Serial Port
REV. PrG 01/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com