Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS422D67TAGYYX Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ACS422D67TAGYYX
Description  PORTABLE CONSUMER CODEC
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS422D67TAGYYX Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ACS422D67TAGYYX Datasheet HTML 4Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 5Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 6Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 7Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 8Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 9Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 10Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 11Page - Integrated Device Technology ACS422D67TAGYYX Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
8
V1.1 01/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS422X67
ACS422x67
LOW-POWER, HIGH-FIDELITY, INTEGRATED CODEC
1. OVERVIEW
1.1.
Block Diagrams
The ACS422x67 is an advanced low power codec with integrated amplifiers and timing generators. To support the
design of audio subsystems in a portable device, the ACS422x67 features an intelligent codec architecture with
advanced audio processing algorithms, integrated with a true cap-less headphone amplifier, 1W/channel (8
) or
2W/channel (4
) filterless DDXTM stereo class D amplifier, and microphone interface with programmable gain.
Figure 1. Block Diagram
1.2.
Audio Outputs
The ACS422x67 provides multiple outputs for analog sound. Audio outputs include:
A 1W/channel (8
) or 2W/channel (4) filterless DDXTM Class D amplifier. This amplifier is capable of driving
the speakers typically found in portable equipment, providing high fidelity, high efficiency, and excellent sound
quality.
•A line-out/capless stereo headphone port with ground referenced outputs, capable of driving headphones
without requiring an external DC blocking capacitor.
Each endpoint features independent volume controls, including a soft-mute capability which can slowly ramp up or
down the volume changes to avoid unwanted audio artifacts.
The ACS422x67 output signal paths consist of digital filters, DACs and output drivers. The digital filters and DACs are
enabled when the ACS422x67 is in ‘playback only’ or ‘record and playback’ mode. The output drivers can be sepa-
rately enabled by individual control bits.
PLL
Audio Processing
Bass/Treble Enhancement
SYSTEM EQ
SPEAKER EQ
3-D effect
Compressor-limiter
Dynamic Range Expander
Audio
Processing
DAC Left
HP Out Left
HP
SPKR +
BTL
Digital PWM
controller
LIN3/DMIC_CLK*
RIN1
DACIN
VOL
mute
ADCOUT
Anti-
pop
DAC Left
HP Out Right
HP
Anti-
pop
DAC Right
Audio
Processing
VOL
mute
MIC Bias
LIN1
LIN2
D2S
+
-
RIN2
RIN3/DMIC_DAT*
LIN1
LIN2
RIN1
RIN2
RIN1
RIN2
RIN3
D2S
LIN1
LIN2
LIN3
D2S
D2S
S
Clocking
Control
I2C_SCL
I2C_SDA
DACLRCLK
ADCLRCLK
DACBCLK
ADCBCLK
MCLK/XTAL_IN
Internal Audio Clock(s)
PVDD
DVDD_CORE
CPVDD
Vref
AGND
+
-
DVDD_IO
Charge-Pump
AVDD
CAP+
CAP-
V-
DAC Right
DAC
DAC
ADCL
ADCR
-97 to +30 dB
In 0.5 dB steps
-97 to +30 dB
In 0.5 dB steps
vol
Digital
Volume
Digital
Volume
Automatic Level Control
4
2
DVSS
AVSS
CPGND
PVSS
3
4
Vref
AFILT1
AFILT2
HP_DET
TEST
3
VDD_XTAL
VDD_PLL2
VDD_PLL1
VDD_PLSS
VSS_PLSS
VSS_XTAL
+0/+10/+20/+30 dB
Boost
AGC
-17 to +30dB in 0.75dB steps
+0/+10/+20/+30 dB
Boost
-17 to +30dB in 0.75dB steps
AGC
2
SPKR -
VDD_PLL3
*Digital Microphone Products
XTAL_OUT
REF_OUT


Similar Part No. - ACS422D67TAGYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ACS422D00TAGYYX IDT-ACS422D00TAGYYX Datasheet
1Mb / 89P
   PORTABLE CONSUMER CODEC
More results

Similar Description - ACS422D67TAGYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
   PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
   PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
   PORTABLE CONSUMER CODEC
ACS32201 IDT-ACS32201 Datasheet
1Mb / 65P
   PORTABLE CONSUMER DEVICE
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
logo
STMicroelectronics
L7208 STMICROELECTRONICS-L7208 Datasheet
52Kb / 3P
   Portable consumer electronics spindle and VCM motor controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com