Selected language     English  ▼


KTD1302 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part No. KTD1302
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Homepage  http://www.htsemi.com
Logo 

   
 1 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
FEATURES
Small Flat Package
Audio Muting Application
High Emitter-Base Voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA,IE=0
25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
12
V
Collector cut-off current
ICBO
VCB=25V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=12V,IC=0
100
nA
hFE(1) (FOR)
VCE=2V, IC=4mA
200
800
DC current gain
hFE(2)(REV)
VCE=2V, IC=4mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,IB=10mA
1
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
10
pF
Transition frequency
fT
VCE=10V,IC=1mA,
f=100MHz
60
MHz
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current
300
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
KTD1302
TRANSISTOR (NPN)
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl