Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS422D00TAGYYX Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ACS422D00TAGYYX
Description  PORTABLE CONSUMER CODEC
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS422D00TAGYYX Datasheet(HTML) 1 Page - Integrated Device Technology

  ACS422D00TAGYYX Datasheet HTML 1Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 2Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 3Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 4Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 5Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 6Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 7Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 8Page - Integrated Device Technology ACS422D00TAGYYX Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
DATASHEET
PORTABLE CONSUMER CODEC
LOW-POWER, HIGH-FIDELITY INTEGRATED CODEC
ACS422x00
1
V1.2 1/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS422X00
DESCRIPTION
The ACS422x00 is a low-power, high-fidelity integrated
CODEC targeted at portable applications such as tablet
computers, personal navigation devices, portable projec-
tors and speaker docks.
In addition to a high-fidelity
low-power CODEC, the device integrates a DDXTM
class-D speaker amplifier, a true cap-less headphone
amplifier, and four programmable system PLLs to enable
the timing management of the systems applications pro-
cessor, USB interface, secondary audio and other subsys-
tems. Beyond high-fidelity for portable systems, the device
offers an enriched “audio presence” through built-in audio
processing capability The ACS422x00 has been designed
with rapid customization in mind. IDT is able to rapidly pro-
vide varying levels of integration, additional audio process-
ing, more or fewer PLLs, etc, according to the needs of
large markets or customers.
TARGET APPLICATIONS
Tablet Computers
Portable Navigation Devices
Personal Media Players
Portable Projectors
Speaker Docks
FEATURES
High fidelity 24-bit stereo CODEC
DAC 102dB SNR; THD+N better than -82dB
ADC 90dB SNR, THD + N better than -80dB
Built in audio controls and processing
3D stereo enhancement
Dual (cascaded) stereo 6-band parametric equalizers
Programmable Compressor/Limiter/Expander
Psychoacoustic Bass and Treble enhancement
processing
Filterless Stereo DDXTM Class D
Speaker Driver
1W/channel (8
) or 2W/channel
(4
), 0.05% THD+N typical
Tri-state DDXTM Class D achieves low EMI and high
efficiency
>80% efficiency at 1W
Spread spectrum support for reduced EMI output power
mode
Anti-Pop circuitry
On-chip true cap-less headphone driver
35 mW output power (16
)
Charge-pump allows true ground centered outputs
SNR of 102dB
•I2S data interface
Microphone/line-in interface
Analog microphone or line-in inputs
Digital microphone (ACS422D00)
Automatic level control
4 on-chip low-jitter PLLs for internal and system
timing
Multiple frequency options
Spread spectrum support
Low power with built in power management
1.7 V CODEC supports 1Vrms
Very low standby and no-signal power consumption
1.8V digital / 1.7V analog supply for low power
2-wire (I2C compatible) control interface
68-pin dual row 6x6 mm Thermal Leadless Array
package
DDXTM and the DDX logo are trademarks of Apogee Technology.


Similar Part No. - ACS422D00TAGYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ACS422D67TAGYYX IDT-ACS422D67TAGYYX Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
More results

Similar Description - ACS422D00TAGYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
   PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
   PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS32201 IDT-ACS32201 Datasheet
1Mb / 65P
   PORTABLE CONSUMER DEVICE
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
logo
STMicroelectronics
L7208 STMICROELECTRONICS-L7208 Datasheet
52Kb / 3P
   Portable consumer electronics spindle and VCM motor controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com