Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841S012DI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS841S012DI Datasheet HTML 1Page - Integrated Device Technology ICS841S012DI Datasheet HTML 2Page - Integrated Device Technology ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
3
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
T
U
O
F
E
R
_
D
D
r
e
w
o
P.
T
U
O
_
F
E
R
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
9
2
,
8
2
,
4
1
,
7V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
,
2
3
,
0
T
U
O
_
F
E
R
1
T
U
O
_
F
E
R
t
u
p
t
u
O
.
s
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
L
T
T
V
L
/
S
O
M
C
V
L
d
e
d
n
e
-
e
l
g
n
i
S
3
2
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
7
2
,
5
1
,
5
,
4
,
6
4
,
0
4
,
6
3
,
5
3
4
5
,
0
5
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
6N
I
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
L
T
T
V
L
/
S
O
M
C
V
L
d
e
d
n
e
-
e
l
g
n
i
S
8L
E
S
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
,
W
O
L
n
e
h
W
.
N
I
_
F
E
R
s
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
s
e
c
n
e
r
e
f
e
R
.
E
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
l
a
t
s
y
r
c
s
t
c
e
l
e
s
,
9
0
1
,
N
I
_
L
A
T
X
T
U
O
_
L
A
T
X
t
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
n
o
i
t
a
r
e
p
o
r
e
p
o
r
p
r
o
f
d
e
s
u
e
b
t
s
u
m
r
o
t
i
c
a
p
a
c
g
n
i
n
u
t
l
a
n
r
e
t
x
E
1
1S
S
A
P
Y
Bt
u
p
n
In
w
o
d
ll
u
P
.
L
L
P
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
L
L
P
s
e
s
s
a
p
y
b
H
G
I
H
n
e
h
W
.
J
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
1E
O
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
.
n
i
p
s
e
l
b
a
s
i
d
/
s
e
l
b
a
n
e
T
U
O
_
F
E
R
H
G
I
H
e
v
i
t
c
A
.
H
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
1R
M
nt
u
p
n
Ip
u
ll
u
P
t
e
s
e
r
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
W
O
L
e
v
i
t
c
A
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
)
Z
-
I
H
(
e
c
n
a
d
e
p
m
i
h
g
i
h
n
i
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
.
I
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
6
1
7
1
,
1
C
S
S
0
C
S
S
t
u
p
n
Ip
u
ll
u
P.
D
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
l
o
r
t
n
o
c
C
S
S
,
8
1
,
9
1
0
2
,
2
B
L
E
S
_
F
,
1
B
L
E
S
_
F
0
B
L
E
S
_
F
t
u
p
n
In
w
o
d
ll
u
P
.
B
3
e
l
b
a
T
e
e
S
.
s
t
u
p
t
u
o
x
B
Q
r
o
f
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
1
2
,
2
2
3
2
,
2
C
L
E
S
_
F
,
1
C
L
E
S
_
F
0
C
L
E
S
_
F
t
u
p
n
In
w
o
d
ll
u
P
.
C
3
e
l
b
a
T
e
e
S
.
t
u
p
t
u
o
C
Q
r
o
f
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
4
2
5
2
,
1
A
L
E
S
_
F
0
A
L
E
S
_
F
t
u
p
n
In
w
o
d
ll
u
P
.
A
3
e
l
b
a
T
e
e
S
.
s
t
u
p
t
u
o
x
A
Q
n
/
x
A
Q
r
o
f
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
6
2E
O
_
A
Qt
u
p
n
Ip
u
ll
u
P
L
T
T
V
L
/
S
O
M
C
V
L
.
F
3
e
l
b
a
T
e
e
S
.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
1
3
,
0
3
3
3
,
2
3
1
A
Q
,
1
A
Q
n
0
A
Q
,
0
A
Q
n
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
l
a
i
t
n
e
r
e
f
f
i
D
4
3F
E
R
It
u
p
t
u
O
5
7
4
(
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
l
a
n
r
e
t
x
E
Ω
a
s
e
d
i
v
o
r
p
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
m
o
r
f
)
k
c
o
l
c
x
A
Q
n
/
x
A
Q
e
d
o
m
-
t
n
e
r
r
u
c
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
d
e
s
u
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
.
s
t
u
p
t
u
o
8
3
,
7
3V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
9
3E
O
_
C
B
Qt
u
p
n
Ip
u
ll
u
P
.
s
t
u
p
t
u
o
C
k
n
a
B
d
n
a
B
k
n
a
B
r
o
f
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
G
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
I
L
T
T
V
L
/
S
O
M
C
V
L
1
4C
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
C
k
n
a
B
d
e
d
n
e
-
e
l
g
n
i
S
8
1
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
2
4V
C
O
D
D
r
e
w
o
P.
t
u
p
t
u
o
S
O
M
C
V
L
C
Q
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
6
5
,
2
5
,
8
4
,
3
4V
B
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
S
O
M
C
V
L
x
B
Q
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
5
4
,
4
4
,
9
4
,
7
4
5
5
,
3
5
,
1
5
,
1
B
Q
,
0
B
Q
,
3
B
Q
,
2
B
Q
6
B
Q
,
5
B
Q
,
4
B
Q
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
d
e
d
n
e
-
e
l
g
n
i
S
8
1
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r


Similar Part No. - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
More results

Similar Description - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
ICS841S012I IDT-ICS841S012I Datasheet
194Kb / 23P
   Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
   FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
logo
Integrated Device Techn...
844S2416I IDT-844S2416I Datasheet
309Kb / 23P
   HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
logo
Integrated Device Techn...
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
   LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
logo
Renesas Technology Corp
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
85102I RENESAS-85102I Datasheet
348Kb / 18P
   Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
85105I RENESAS-85105I Datasheet
415Kb / 18P
   Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com