Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

849N202CKI-DDDLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 849N202CKI-DDDLF
Description  FemtoClock짰 NG Universal Frequency Translator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

849N202CKI-DDDLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 849N202CKI-DDDLF Datasheet HTML 4Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 5Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 6Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 7Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 8Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 9Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 10Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 11Page - Integrated Device Technology 849N202CKI-DDDLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ICS849N202CKI REVISION A SEPTEMBER 26, 2011
8
©2011 Integrated Device Technology, Inc.
ICS849N202I Data Sheet
FemtoClock® NG Universal Frequency Translator
Holdover / Free-run Behavior
When both input references have failed (Automatic mode) or the
selected input has failed (Manual mode), the ICS849N202I will enter
holdover (Low Bandwidth Frequency Translator mode) or free-run
(High Bandwidth Frequency Translator mode) state . In both cases,
once the input reference is lost, the PLL will stop making adjustments
to the output phase.
If operating in Low Bandwidth Frequency Translation mode, the PLL
will continue to reference itself to the local oscillator and will hold its
output phase and frequency in relation to that source. Output stability
is determined by the stability of the local oscillator in this case.
However, if operating in High Bandwidth Frequency Translation
mode, the PLL no longer has any frequency reference to use and
output stability is now determined by the stability of the internal VCO.
If the device is programmed to perform Manual switching, once the
selected input reference recovers, the ICS849N202I will switch back
to that input reference. If programmed for either Automatic mode, the
device will switch back to whichever input reference has a valid clock
first.
The switchover that results from returning from holdover or free-run
is handled in the same way as a switch between two valid input
references as described in the previous section.
Output Configuration
The two outputs of the ICS849N202I both provide the same clock
frequency. Both must operate from the same output voltage level of
3.3V or 2.5V, although this output voltage may be less than or equal
to the core voltage (3.3V or 2.5V) the rest of the device is operating
from. The output voltage level used on the two outputs is supplied on
the VCCO pin.
The two outputs are individually selectable as LVDS or LVPECL
output types via the Q0_TYPE and Q1_TYPE register bits. These
two selection bits are provided in each configuration to allow different
output type settings under each configuration.
The two outputs can be enabled individually also via both register
control bits and input pins. When both the OEn register bit and OEn
pin are enabled, then the appropriate output is enabled. The OEn
register bits default to enabled so that by default the outputs can be
directly controlled by the input pins. Similarly, the input pins are
provisioned with weak pull-ups so that if they are left unconnected,
the output state can be directly controlled by the register bits. When
the differential output is in the disabled state, it will show a high
impedance condition.
Serial Interface Configuration Description
The ICS849N202I has an I2C-compatible configuration interface to
access any of the internal registers (Table 4D) for frequency and PLL
parameter programming. The ICS849N202I acts as a slave device on
the I2C bus and has the address 0b11011xx, where xx is set by the
values on the S_A0 & S_A1 pins (see Table 4A for details). The
interface
accepts
byte-oriented
block
write
and
block
read
operations. An address byte (P) specifies the register address (Table
4D) as the byte position of the first register to write or read. Data
bytes (registers) are accessed in sequential order from the lowest to
the highest byte (most significant bit first, see table 4B, 4C). Read
and write block transfers can be stopped after any complete byte
transfer. It is recommended to terminate I2C the read or write transfer
after accessing byte #23.
For full electrical I2C compliance, it is recommended to use external
pull-up resistors for SDATA and SCLK. The internal pull-up resistors
have a size of 50k
Ω typical.
Note: if a different device slave address is desired, please contact
IDT.
Table 4A. I2C Device Slave Address
Table 4B. Block Write Operation
Table 4C. Block Read Operation
1101
1
S_A1
S_A0
R/W
Bit
1
2:8
9
10
11:18
19
20:27
28
29-36
37
...
...
...
Description
START
Slave
Address
W (0)
ACK
Address
Byte (P)
ACK
Data Byte
(P)
ACK
Data Byte
(P+1)
ACK
Data Byte
...
ACK
STOP
Length (bits)
17
1
1
8
1
8
1
8
1
8
1
1
Bit
1
2:8
9
10
11:18
19
20
21:27
28
29
30:37
38
39-46
47
...
...
...
Description
START
Slave
Address
W
(0)
A
C
K
Address
Byte (P)
A
C
K
Repeate
d START
Slave
Address
R
(1)
A
C
K
Data
Byte (P)
A
C
K
Data Byte
(P+1)
A
C
K
Data Byte
...
A
C
KSTOP
Length (bits)
17
1
1
8
1
1
7
1
1
8
1
8
1
8
1
1


Similar Part No. - 849N202CKI-DDDLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
849N202CKI-DDDLF RENESAS-849N202CKI-DDDLF Datasheet
1Mb / 41P
   FemtoClock® NG Universal Frequency Translator
May 20, 2016
849N202CKI-DDDLFT RENESAS-849N202CKI-DDDLFT Datasheet
1Mb / 41P
   FemtoClock® NG Universal Frequency Translator
May 20, 2016
More results

Similar Description - 849N202CKI-DDDLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N242 IDT-8T49N242_18 Datasheet
1Mb / 66P
   NG Universal Frequency Translator
8T49N241 IDT-8T49N241_18 Datasheet
1Mb / 67P
   NG Universal Frequency Translator
849N202 IDT-849N202 Datasheet
828Kb / 40P
   FemtoClock NG Universal Frequency Translator
8T49N242 IDT-8T49N242_16 Datasheet
1Mb / 63P
   FemtoClock NG Universal Frequency Translator
ICS849N212I IDT-ICS849N212I Datasheet
541Kb / 38P
   FemtoClock NG Universal Frequency Translator
8T49N286 IDT-8T49N286_18 Datasheet
1Mb / 78P
   NG Octal Universal Frequency Translator
8T49N234 IDT-8T49N234 Datasheet
1Mb / 62P
   FemtoClock NG Universal Frequency Translator
8T49N241 IDT-8T49N241_16 Datasheet
1Mb / 68P
   FemtoClock NG Universal Frequency Translator
8T49N243 IDT-8T49N243 Datasheet
1Mb / 59P
   FemtoClock NG Universal Frequency Translator
8T49N287 IDT-8T49N287_18 Datasheet
1Mb / 75P
   NG Octal Universal Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com