Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8344-01 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8344-01
Description  Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8344-01 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8344-01_07 Datasheet HTML 3Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 4Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 5Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 6Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 7Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 8Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 9Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 10Page - Integrated Device Technology ICS8344-01_07 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICS8344AYI-01 REVISION A FEBRUARY 29, 2012
7
©2012 Integrated Device Technology, Inc.
ICS8344I-01 Data Sheet
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Parameter Measurement Information
3.3V Output Load AC Test Circuit
3.3V Core/2.5V Output Load AC Test Circuit
Output Skew
2.5V Output Load AC Test Circuit
Differential Input Level
Part-to-Part Skew
SCOPE
Qx
GND
VDD,
1.65V±5%
-1.65V±5%
VDDO
SCOPE
Qx
LVCMOS
V
DDO
2
GND
2.05V±5%
-1.25V±5%
VDD
VDDO
1.25V±5%
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
SCOPE
Qx
GND
1.25V±5%
-1.25V±5%
VDD,
VDDO
nCLK[0:1]
CLK[0:1]
VDD
GND
V
CMR
Cross Points
V
PP
tsk(pp)
V
DDO
2
V
DDO
2
Part 1
Part 2
Qx
Qy


Similar Part No. - ICS8344-01_07

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS8344-01_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
   LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83948I IDT-83948I_16 Datasheet
291Kb / 13P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com