Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8536-02 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8536-02
Description  Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536-02 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8536-02 Datasheet HTML 6Page - Integrated Device Technology ICS8536-02 Datasheet HTML 7Page - Integrated Device Technology ICS8536-02 Datasheet HTML 8Page - Integrated Device Technology ICS8536-02 Datasheet HTML 9Page - Integrated Device Technology ICS8536-02 Datasheet HTML 10Page - Integrated Device Technology ICS8536-02 Datasheet HTML 11Page - Integrated Device Technology ICS8536-02 Datasheet HTML 12Page - Integrated Device Technology ICS8536-02 Datasheet HTML 13Page - Integrated Device Technology ICS8536-02 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8536AG-02 REVISION A JULY 21, 2010
10
©2010 Integrated Device Technology, Inc.
ICS8536-02 Data Sheet
1-TO-6, DUALCRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Crystal Input Interface
The ICS8536-02 has been characterized with 18pF parallel resonant
crystals. The capacitor values shown in Figure 2 below were
determined using an 18pF parallel resonant crystal and were chosen
to minimize the ppm error.
Figure 2. Crystal Input Interface
Overdriving the XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 3A. The XTAL_OUT pin can be left floating. The
maximum amplitude of the input signal should not exceed 2V and the
input edge rate can be as slow as 10ns. This configuration requires
that the output impedance of the driver (Ro) plus the series
resistance (Rs) equals the transmission line impedance. In addition,
matched termination at the crystal input will attenuate the signal in
half. This can be done in one of two ways. First, R1 and R2 in parallel
should equal the transmission line impedance. For most 50
applications, R1 and R2 can be 100
. This can also be accomplished
by removing R1 and making R2 50
. By overdriving the crystal
oscillator, the device will be functional, but note, the device
performance is guaranteed by using a quartz crystal.
Figure 3A. General Diagram for LVCMOS Driver to XTAL Input Interface
Figure 3B. General Diagram for LVPECL Driver to XTAL Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
33pF
C2
27pF
R2
100
R1
100
RS
43
Ro ~ 7 Ohm
Driv er_LVCMOS
Zo = 50 Ohm
C1
0.1uF
3.3V
3.3V
Cry stal Input Interf ace
XTAL_IN
XTAL_OUT
Cry stal Input Interf ace
XTAL_IN
XTAL_OUT
R3
50
C1
0.1uF
R2
50
R1
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
VCC=3.3V


Similar Part No. - ICS8536-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8536-01 IDT-ICS8536-01 Datasheet
176Kb / 21P
   Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8536-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
   Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
8536-02 RENESAS-8536-02 Datasheet
490Kb / 19P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
Rev A 7/10/15
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
   Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com