Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8536CGI-33T Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8536CGI-33T
Description  LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8536CGI-33T Datasheet(HTML) 1 Page - Integrated Device Technology

  8536CGI-33T Datasheet HTML 1Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 2Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 3Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 4Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 5Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 6Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 7Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 8Page - Integrated Device Technology 8536CGI-33T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOS-
TO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
ICS8536I-33
IDT/ ICS3.3V LVPECL/ LVCMOS FANOUT BUFFER
1
ICS8536CGI-33 REV. B OCTOBER 27, 2008
GENERAL DESCRIPTION
The ICS8536I-33 is a low skew, high performance
1-to-6 Crystal Oscillator/LVCMOS-to-3.3V, 2.5V
LVPECL/LVCMOS fanout buffer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from IDT. The ICS8536I-33 has selectable
single ended clock or crystal inputs. The single-ended clock
input accepts LVCMOS or LVTTL input levels and translate
them to 3.3V LVPECL levels. The output enable is internally
synchronized to eliminate runt pulses on the outputs during
asynchronous assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make
the ICS8536I-33 ideal for those applications demanding well
defined performance and repeatability.
FEATURES
• Three differential LVPECL outputs, and
three single ended LVCMOS outputs
• Selectable LVCMOS/LVTTL CLK or crystal inputs
• CLK can accept the following input levels: LVCMOS, LVTTL
• Crystal frequency: 25MHz
• Maximum output frequency: 266MHz
• Output skew: 80ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Propagation delay: 1.95ns (maximum)
• Additive phase jitter, RMS: 0.32ps (typical), LVPECL output
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
1
0
OSC
D
LE
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
Q4
Q5
LVPECL
LVCMOS
Pullup
Pulldown
Pullup
25MHz
CLK_EN
CLK_SEL
CLK
XTAL_IN
XTAL_OUT
ICS8536I-33
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm package body
G Package
Top View
CLK_EN
XTAL_IN
XTAL_OUT
VCC
CLK
CLK_SEL
VEE
Q0
nQ0
VCCO_LVPECL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VEE
Q5
Q4
VCCO_LVCMOS
Q3
VEE
Q2
nQ2
nQ1
Q1


Similar Part No. - 8536CGI-33T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8536CGI-33LF IDT-8536CGI-33LF Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Renesas Technology Corp
8536CGI-33LF RENESAS-8536CGI-33LF Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
logo
Integrated Device Techn...
8536CGI-33LFT IDT-8536CGI-33LFT Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Renesas Technology Corp
8536CGI-33LFT RENESAS-8536CGI-33LFT Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
More results

Similar Description - 8536CGI-33T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
   Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
ICS8535-31 RENESAS-ICS8535-31 Datasheet
966Kb / 16P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOSTO- 3.3V LVPECL FANOUT BUFFER
2019
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
   Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com