Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8624BYILFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8624BYILFT
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8624BYILFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8624BYILFT Datasheet HTML 2Page - Integrated Device Technology 8624BYILFT Datasheet HTML 3Page - Integrated Device Technology 8624BYILFT Datasheet HTML 4Page - Integrated Device Technology 8624BYILFT Datasheet HTML 5Page - Integrated Device Technology 8624BYILFT Datasheet HTML 6Page - Integrated Device Technology 8624BYILFT Datasheet HTML 7Page - Integrated Device Technology 8624BYILFT Datasheet HTML 8Page - Integrated Device Technology 8624BYILFT Datasheet HTML 9Page - Integrated Device Technology 8624BYILFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ICS8624I
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
8624BYI
www.idt.com
REV. C JULY 30, 2010
6
PARAMETER MEASUREMENT INFORMATION
CYCLE-TO-CYCLE JITTER
PHASE JITTER AND STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
tsk(o)
nQx
nQ
nQy
Qy
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
HSTL
Qx
nQx
V
CMR
Cross Points
V
PP
GND
CLK0,
CLK1
nCLK0,
nCLK1
V
DD
nQx
Qx
nCLK0,
nCLK1
CLK0,
CLK1
nQ0:nQ4
Q0:Q4
t
PD
VDD,
VDDA
GND = 0V
3.3V±5%
or 10%
VDDO
1.8V±0.2V
OUTPUT PULSE WIDTH/PERIOD
Pulse Width
t PERIOD
V
DDO
2
V
DDO
2
V
DDO
2
nQ0:nQ4
Q0:Q4
PROPAGATION DELAY
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
(where
t (Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t(Ø) mean = Static Phase Offset
t(Ø)
V
OH
V
OL
V
OH
V
OL
nCLK0,
nCLK1
nFB_IN
FB_IN
tjit(Ø) = t(Ø) — t(Ø) mean = Phase Jitter
CLK0,
CLK1


Similar Part No. - 8624BYILFT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8624 FILTRAN-8624 Datasheet
138Kb / 1P
   T1/CEPT Quad Port SMT Transformer Module with IC Side Protection
logo
List of Unclassifed Man...
8624 ETC2-8624 Datasheet
367Kb / 1P
   LEVER ACTION PC CARD EJECTORS
logo
B&K Precision Corporati...
8624 BK-8624 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Belden Inc.
8624 BELDEN-8624 Datasheet
170Kb / 2P
   Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
8624-0601000 BELDEN-8624-0601000 Datasheet
170Kb / 2P
   Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
More results

Similar Description - 8624BYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8624 ICST-ICS8624 Datasheet
288Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
   Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
logo
Integrated Device Techn...
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS8523I RENESAS-ICS8523I Datasheet
494Kb / 19P
   Low Skew, 1-to-4, Differential-to-HSTL Fantout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com