Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8752CYILFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8752CYILFT
Description  LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8752CYILFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8752CYILFT Datasheet HTML 6Page - Integrated Device Technology 8752CYILFT Datasheet HTML 7Page - Integrated Device Technology 8752CYILFT Datasheet HTML 8Page - Integrated Device Technology 8752CYILFT Datasheet HTML 9Page - Integrated Device Technology 8752CYILFT Datasheet HTML 10Page - Integrated Device Technology 8752CYILFT Datasheet HTML 11Page - Integrated Device Technology 8752CYILFT Datasheet HTML 12Page - Integrated Device Technology 8752CYILFT Datasheet HTML 13Page - Integrated Device Technology 8752CYILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8752CYI
www.idt.com
REV. C JULY 30, 2010
10
ICS8752I
LOW SKEW, 1-TO-8
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8752I is: 1546
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD LQFP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - 8752CYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8752CYILFT RENESAS-8752CYILFT Datasheet
375Kb / 15P
   LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results

Similar Description - 8752CYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
   LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
logo
Integrated Circuit Syst...
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
   LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
   LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
   LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com