Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83905AMLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 83905AMLFT
Description  Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83905AMLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 83905AMLFT Datasheet HTML 4Page - Integrated Device Technology 83905AMLFT Datasheet HTML 5Page - Integrated Device Technology 83905AMLFT Datasheet HTML 6Page - Integrated Device Technology 83905AMLFT Datasheet HTML 7Page - Integrated Device Technology 83905AMLFT Datasheet HTML 8Page - Integrated Device Technology 83905AMLFT Datasheet HTML 9Page - Integrated Device Technology 83905AMLFT Datasheet HTML 10Page - Integrated Device Technology 83905AMLFT Datasheet HTML 11Page - Integrated Device Technology 83905AMLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ICS83905 Data Sheet
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905AM REVISION B JULY 20, 2009
8
©2009 Integrated Device Technology, Inc.
Table 6E. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ± 0.2V,TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
All parameters measured at ƒ
≤ f
MAX using a crystal input unless noted otherwise.
Terminated at 50
to V
DDO/2.
NOTE 1: XTAL_IN can be overdriven relative to a signal a crystal would provide.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65..
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
Table 6F. AC Characteristics, VDD = 2.5V ± 5%, VDDO = 1.8V ± 0.2V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
All parameters measured at ƒ
≤ f
MAX using a crystal input unless noted otherwise.
Terminated at 50
to V
DDO/2.
NOTE 1: XTAL_IN can be overdriven relative to a signal a crystal would provide.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
Using External Crystal
10
40
MHz
Using External Clock
Source NOTE 1
DC
100
MHz
tsk(o)
Output Skew; NOTE 2, 3
80
ps
tjit
RMS Phase Jitter (Random)
25MHz, Integration Range:
100Hz – 1MHz
0.18
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
900
ps
odc
Output Duty Cycle
48
52
%
tEN
Output Enable
Time; NOTE 4
ENABLE1
4
cycles
ENABLE2
cycles
tDIS
Output Disable
Time; NOTE 4
ENABLE1
4
cycles
ENABLE2
cycles
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
Using External Crystal
10
40
MHz
Using External Clock
Source NOTE 1
DC
100
MHz
tsk(o)
Output Skew; NOTE 2, 3
80
ps
tjit
RMS Phase Jitter (Random)
25MHz, Integration Range:
100Hz – 1MHz
0.19
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
900
ps
odc
Output Duty Cycle
47
53
%
tEN
Output Enable
Time; NOTE 4
ENABLE1
4
cycles
ENABLE2
4
cycles
tDIS
Output Disable
Time; NOTE 4
ENABLE1
4
cycles
ENABLE2
4
cycles


Similar Part No. - 83905AMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905AMLFT IDT-83905AMLFT Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AMLFT RENESAS-83905AMLFT Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results

Similar Description - 83905AMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
   LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com