Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87951AYILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 87951AYILFT
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87951AYILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 87951AYILFT Datasheet HTML 6Page - Integrated Device Technology 87951AYILFT Datasheet HTML 7Page - Integrated Device Technology 87951AYILFT Datasheet HTML 8Page - Integrated Device Technology 87951AYILFT Datasheet HTML 9Page - Integrated Device Technology 87951AYILFT Datasheet HTML 10Page - Integrated Device Technology 87951AYILFT Datasheet HTML 11Page - Integrated Device Technology 87951AYILFT Datasheet HTML 12Page - Integrated Device Technology 87951AYILFT Datasheet HTML 13Page - Integrated Device Technology 87951AYILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
87951AYI
www.idt.com
REV. C JULY 17, 2010
11
ICS87951I
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 8. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-026
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
S
A
B
B
M
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
M
N
2
3
A
-
--
-0
6
.
1
1
A
5
0
.
0-
-5
1
.
0
2
A
5
3
.
10
4
.
15
4
.
1
b
0
3
.
07
3
.
05
4
.
0
c
9
0
.
0-
-0
2
.
0
D
C
I
S
A
B
0
0
.
9
1
D
C
I
S
A
B
0
0
.
7
2
D
.
f
e
R
0
6
.
5
E
C
I
S
A
B
0
0
.
9
1
E
C
I
S
A
B
0
0
.
7
2
E
.
f
e
R
0
6
.
5
e
C
I
S
A
B
0
8
.
0
L
5
4
.
00
6
.
05
7
.
0
θθθθθ
0
°
-
-
7
°
c
c
c
-
--
-0
1
.
0


Similar Part No. - 87951AYILFT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87951-0001 MOLEX10-87951-0001 Datasheet
87Kb / 3P
   2.50mm (.098) Pitch Header, Vertical, Through Hole, 8 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results

Similar Description - 87951AYILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
logo
Integrated Circuit Syst...
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
   DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com