Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z5254C Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM1Z5254C
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM1Z5254C Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM1Z5254C Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z5254C Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z5254C Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM1Z5231C~MM1Z5261C
SILICON PLANAR ZENER DIODES
Features
• Total power dissipation: Max. 500 mW
• Small plastic package suitable for
surface mounted design
• Zener Voltage Tolerance: ± 2%
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RθJA
350
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Current
Vznom
VZT
at IZT
ZZT
at IZT
ZZK
at IZK
IR
at VR
V
Min. (V)
Max. (V)
mA
Max. (Ω)mA
Max. (Ω)
mA
Max. (µA)
V
MM1Z5231C
YN
5.1
4.998
5.202
20
17
20
1600
0.25
5
2
MM1Z5232C
YO
5.6
5.488
5.712
20
11
20
1600
0.25
5
3
MM1Z5234C
YP
6.2
6.076
6.324
20
7
20
1000
0.25
5
4
MM1Z5235C
YQ
6.8
6.664
6.936
20
5
20
750
0.25
3
5
MM1Z5236C
YR
7.5
7.35
7.65
20
6
20
500
0.25
3
6
MM1Z5237C
YS
8.2
8.036
8.364
20
8
20
500
0.25
3
6.5
MM1Z5239C
YT
9.1
8.918
9.282
20
10
20
600
0.25
3
7
MM1Z5240C
YU
10
9.8
10.2
20
17
20
600
0.25
3
8
MM1Z5241C
YV
11
10.78
11.22
20
22
20
600
0.25
2
8.4
MM1Z5242C
YW
12
11.76
12.24
20
30
20
600
0.25
1
9.1
MM1Z5243C
YX
13
12.74
13.26
9.5
13
9.5
600
0.25
0.5
9.9
MM1Z5245C
YY
15
14.7
15.3
8.5
16
8.5
600
0.25
0.1
11
MM1Z5246C
YZ
16
15.68
16.32
7.8
17
7.8
600
0.25
0.1
12
MM1Z5248C
ZA
18
17.64
18.36
7
21
7
600
0.25
0.1
14
MM1Z5250C
ZB
20
19.6
20.4
6.2
25
6.2
600
0.25
0.1
15
MM1Z5251C
ZC
22
21.56
22.44
5.6
29
5.6
600
0.25
0.1
17
MM1Z5252C
ZD
24
23.52
24.48
5.2
33
5.2
600
0.25
0.1
18
MM1Z5254C
ZE
27
26.46
27.54
4.6
41
4.6
600
0.25
0.1
21
MM1Z5256C
ZF
30
29.4
30.6
4.2
49
4.2
600
0.25
0.1
23
MM1Z5257C
ZG
33
32.34
33.66
3.8
58
3.8
700
0.25
0.1
25
MM1Z5258C
ZH
36
35.28
36.72
3.4
70
3.4
700
0.25
0.1
27
MM1Z5259C
ZI
39
38.22
39.78
3.2
80
3.2
800
0.25
0.1
30
MM1Z5260C
ZJ
43
42.14
43.86
3
93
3
900
0.25
0.1
33
MM1Z5261C
ZK
47
46.06
47.94
2.7
105
2.7
1000
0.25
0.1
36
1) VZ is tested with pulses (20 ms)
Anode
2
Top View
Simplified outline SOD-123 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MM1Z5254C

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5254B SEMTECH_ELEC-MM1Z5254B Datasheet
287Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z5254B HTSEMI-MM1Z5254B Datasheet
676Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Rectron Semiconductor
MM1Z5254B RECTRON-MM1Z5254B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Nanjing International G...
MM1Z5254B DGNJDZ-MM1Z5254B Datasheet
147Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM1Z5254B SY-MM1Z5254B Datasheet
456Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - MM1Z5254C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com