Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR93P Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BFR93P
Description  NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR93P Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BFR93P Datasheet HTML 1Page - Siemens Semiconductor Group BFR93P Datasheet HTML 2Page - Siemens Semiconductor Group BFR93P Datasheet HTML 3Page - Siemens Semiconductor Group BFR93P Datasheet HTML 4Page - Siemens Semiconductor Group BFR93P Datasheet HTML 5Page - Siemens Semiconductor Group BFR93P Datasheet HTML 6Page - Siemens Semiconductor Group BFR93P Datasheet HTML 7Page - Siemens Semiconductor Group BFR93P Datasheet HTML 8Page - Siemens Semiconductor Group BFR93P Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BFR 93P
BFR 93P
Common Emitter S Parameters (continued)
fS11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.3
0.5
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.41
0.28
0.25
0.23
0.23
0.25
0.25
0.27
0.28
0.30
– 64
– 123
– 151
– 179
172
164
155
147
139
131
22.91
9.89
6.24
4.03
3.22
2.74
2.41
2.14
1.92
1.79
123
98
86
74
69
63
57
51
47
42
0.02
0.05
0.07
0.11
0.13
0.16
0.18
0.20
0.23
0.25
67
66
68
68
68
66
66
63
61
60
0.67
0.46
0.40
0.37
0.37
0.35
0.35
0.35
0.35
0.33
– 22
– 30
– 30
– 28
– 32
– 35
– 38
– 43
– 46
– 48
IC = 20 mA, VCE = 8 V, Z0 = 50
S11, S22 = f (f)
IC = 20 mA, VCE = 8 V, Z0 = 50
S12, S21 = f (f)
IC = 20 mA, VCE = 8 V, Z0 = 50


Similar Part No. - BFR93P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93 PHILIPS-BFR93 Datasheet
99Kb / 12P
   NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93 VISHAY-BFR93 Datasheet
122Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
TEMIC Semiconductors
BFR93 TEMIC-BFR93 Datasheet
85Kb / 5P
   Silicon NPN Planar RF Transistor
logo
New Jersey Semi-Conduct...
BFR93A NJSEMI-BFR93A Datasheet
70Kb / 2P
   Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
614Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
More results

Similar Description - BFR93P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
   NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
   NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com