Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5295B Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # S5295B
Description  Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

S5295B Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  S5295B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd S5295B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S5295B/ S5295G / S5295J
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
0.2
1
2
10
Tj = 25 °C
10mm
10mm
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
40
30
20
10
0
大昌电子
DACHANG ELECTRONICS


Similar Part No. - S5295B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S5295B TOSHIBA-S5295B Datasheet
62Kb / 3P
   High Speed Rectifier Applications (fast recovery)
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
S5295B EIC-S5295B Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
S5295B TAYCHIPST-S5295B Datasheet
14Mb / 2P
   FAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
S5295B DACHANG-S5295B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - S5295B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
TVR1B DACHANG-TVR1B Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
ERB4302 DACHANG-ERB4302 Datasheet
119Kb / 2P
   Plastic fast Recover Rectifier Reverse Voltage 200 to 800V Forward Current 0.5A
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
RU4Z DACHANG-RU4Z Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 200 to 600V Forward Current 3.5A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 3.0A
ER200 DACHANG-ER200 Datasheet
120Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 2.0A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com