Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843001CGI-23 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 843001CGI-23
Description  FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843001CGI-23 Datasheet(HTML) 4 Page - Integrated Device Technology

  843001CGI-23 Datasheet HTML 1Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 2Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 3Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 4Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 5Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 6Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 7Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 8Page - Integrated Device Technology 843001CGI-23 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ICS843001CGI-23 REVISION A OCTOBER 4, 2011
4
©2011 Integrated Device Technology, Inc.
ICS843001I-23 Data Sheet
FEMTOCLOCK® CRYSTAL/LVCMOS-TO-LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Table 3C. Programmable N Output Divider Function Table
Table 3D. Select Mode Function Table
Table 3E. OE_REF Output Function Table
Inputs
N Divider Value
N2
N1
N0
00
0
2
00
1
4
01
0
5
01
1
6
1
0
0
8 (default)
10
1
10
11
0
12
11
1
16
Inputs
Reference Input
PLL Mode
SEL1
SEL0
0
0
XTAL0
Active (default)
01
XTAL1
Active
10
CLK
Active
1
1
CLK
Bypass
Input
Output
OE_REF
REF_OUT
0
High-Impedance (default)
1
Active


Similar Part No. - 843001CGI-23

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843001CGILF RENESAS-843001CGILF Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
843001CGILFT RENESAS-843001CGILFT Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results

Similar Description - 843001CGI-23

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
   FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com