Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843001CGI-23T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 843001CGI-23T
Description  FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843001CGI-23T Datasheet(HTML) 2 Page - Integrated Device Technology

  843001CGI-23T Datasheet HTML 1Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 2Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 3Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 4Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 5Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 6Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 7Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 8Page - Integrated Device Technology 843001CGI-23T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ICS843001CGI-23 REVISION A OCTOBER 4, 2011
2
©2011 Integrated Device Technology, Inc.
ICS843001I-23 Data Sheet
FEMTOCLOCK® CRYSTAL/LVCMOS-TO-LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VCCO_LVCMOS
Power
Output supply pin for REF_CLK output.
2, 3
N0, N1
Input
Pulldown
Output divider select pins. LVCMOS/LVTTL interface levels. See Table 3C.
4
N2
Input
Pullup
5VCCO_LVPECL
Power
Output supply pin for LVPECL output.
6, 7
Q, nQ
Output
Differential output pair. LVPECL interface levels.
8, 23
VEE
Power
Negative supply pins.
9VCCA
Power
Analog supply pin.
10
VCC
Power
Core supply pin.
11,
12
XTAL_OUT1,
XTAL_IN1
Input
Parallel resonant crystal interface.
XTAL_OUT1 is the output, XTAL_IN1 is the input.
13,
14
XTAL_OUT0,
XTAL_IN0
Input
Parallel resonant crystal interface.
XTAL_OUT0 is the output, XTAL_IN0 is the input.
15
CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
16, 17
SEL0, SEL1
Input
Pulldown
Input MUX select pins. LVCMOS/LVTTL interface levels. See Table 3D.
18
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true output Q to go low and the inverted output nQ to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
19, 20, 21
M0, M1, M2
Input
Pullup
Feedback divider select pins. LVCMOS/LVTTL interface levels. See Table 3B.
22
OE_REF
Input
Pulldown
Reference clock output enable. Default LOW. See Table 3E.
LVCMOS/LVTTL interface levels.
24
REF_OUT
Output
Reference clock output. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
REF_OUT
VCCO = 3.3V
21
VCCO = 2.5V
25


Similar Part No. - 843001CGI-23T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843001CGILF RENESAS-843001CGILF Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
843001CGILFT RENESAS-843001CGILFT Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results

Similar Description - 843001CGI-23T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
   FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com