Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843001CGI-23LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843001CGI-23LFT
Description  FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843001CGI-23LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  843001CGI-23LFT Datasheet HTML 1Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 2Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 3Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 4Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 5Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 6Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 7Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 8Page - Integrated Device Technology 843001CGI-23LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA SHEET
ICS843001CGI-23 REVISION A OCTOBER 4, 2011
1
©2011 Integrated Device Technology, Inc.
FemtoClock® Crystal/LVCMOS-to-
LVPECL/ LVCMOS Frequency Synthesizer
ICS843001I-23
General Description
The ICS843001I-23 is a highly versatile, low phase noise
LVPECL/LVCMOS Synthesizer which can generate low jitter
reference clocks for a variety of communication applications. The
dual crystal interface allows the synthesizer to support up to three
communication standards in a given application (i.e. SONET with a
19.44MHz crystal, 1Gb/10Gb Ethernet and Fibre Channel using a
25MHz crystal). The RMS phase jitter performance is typically less
than 1ps, thus making the device acceptable for use in demanding
applications such as OC48 SONET, GbE/10Gb Ethernet and SAN
applications. The ICS843001I-23 is packaged in a small 24-pin
TSSOP, E-Pad package.
Features
One 3.3Vdifferential LVPECL output pair and
one LVCMOS/LVTTL single-ended reference clock output
Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
Crystal and CLK range: 19.44MHz – 27MHz
Able to generate GbE/10GbE/12GbE, Fibre Channel
(1Gb/4Gb/10Gb), PCI-E and SATA from a 25MHz crystal
VCO range: 1.12GHz – 1.275GHz
Supports the following applications:
SONET, Ethernet, Fibre Channel, Serial ATA, and HDTV
RMS phase jitter @ 622.08MHz (12kHz - 20MHz):
0.9ps (typical), 3.3V
Supply modes
VCC/VCCO
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
-40°C to 85°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
package
Pin Assignment
11
10
01
00
00
01
10
11
Phase
Detector
VCO
000 ÷44
001 ÷45
010 ÷48
011 ÷50
100 ÷51
111 ÷64 (default)
N
000
÷2
001
÷4
010
÷5
011
÷6
100
÷8 (default)
101
÷10
110
÷12
111
÷16
M
3
3
OSC
OSC
Q
nQ
REF_OUT
N2:N0
M2:M0
SEL0
SEL1
XTAL_IN0
XTAL_OUT0
XTAL_IN1
XTAL_OUT1
CLK
MR
OE_REF Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCCO_LVCMOS
N0
N1
N2
VCCO_LVPECL
Q
nQ
VEE
VCCA
VCC
XTAL_OUT1
XTAL_IN1
REF_OUT
VEE
M2
OE_REF
M0
M1
MR
SEL1
SEL0
CLK
XTAL_IN0
XTAL_OUT0
ICS843001I-23
24-Lead TSSOP, E-Pad
4.4mm x 7.8mm x 0.925mm
package body
G Package
Top View
Block Diagram


Similar Part No. - 843001CGI-23LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843001CGILF RENESAS-843001CGILF Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
843001CGILFT RENESAS-843001CGILFT Datasheet
506Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results

Similar Description - 843001CGI-23LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843004I-04 IDT-843004I-04 Datasheet
239Kb / 16P
   FemtoClock Crystal/LVCMOS-to- 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com