Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT388915T10JG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT388915T10JG
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10JG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 74FCT388915T10JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 9Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
COMMERCIALTEMPERATURERANGE
6
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
GENERAL AC SPECIFICATION NOTES (continued):
8. The tPD spec describes how the phase offset between the SYNC input and the output connected to the FEEDBACK input, varies with process, temperature and voltage. The
phase measurements were made at 1.5V. The Q/2 output was terminated at the FEEDBACK input with 100
Ω to VCC and 100Ω to ground. tPD measurements were made with
the loop filter connection shown in Figure 1 below:
Analog loop filter section
of the FC T388915T
ANALO G VCC
ANALOG GND
LF
BO ARD G ND
BO AR D VCC
0.1
μF (Loop
Filter Cap)
0.1
μF
High
Freq.
Bypass
10
μF
Low
Freq.
Bypass
A separate Analog power supply is not necessary
and should not be used. Following these pre-
scribed guidelines is all that is necessary to use
the FCT388915T in a normal digital environm ent.
LF
External Loop
Filter
0.1
μF
C1
Analog G ND
Figure 2. Recommended Loop Filter and Analog Isolation Scheme for the FCT388915T
NOTES:
1. Figure 2 shows a loop filter and analog isolation scheme which will be effective in most applications. The following guidelines should be followed to ensure stable and jitter-free
operation:
a. All loop filter and analog isolation components should be tied as close to the package as possible. Stray current passing through the parasitics of long traces can cause undesirable
voltage transients at the LF pin.
b. The 10µF low frequency bypass capacitor and the 0.1µF high frequency bypass capacitor form a wide bandwidth filter that will minimize the 388915T's sensitivity to voltage
transients from the system digital VCC supply and ground planes.
If good bypass techniques are used on a board design near components which may cause digital VCC and ground noise, VCC step deviations should not occur at the 388915T's
digital VCC supply. The purpose of the bypass filtering scheme shown in figure 2 is to give the 388915T additional protection from the power supply and ground plane transients
that can occur in a high frequency, high speed digital system.
c. The loop filter capacitor (0.1µF) can be a ceramic chip capacitor, the same as a standard bypass capacitor.
2. In addition to the bypass capacitors used in the analog filter of Figure 2 there should be a 0.1µF bypass capacitor between each of the other (digital) four VCC pins and the board
ground plane. This will reduce output switching noise caused by the 388915T outputs, in addition to reducing potential for noise in the "analog" section of the chip. These bypass
capacitors should also be tied as close to the 388915T package as possible.
Figure 1


Similar Part No. - 74FCT388915T10JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Similar Description - 74FCT388915T10JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com