Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT388915T10JG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 74FCT388915T10JG
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10JG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 74FCT388915T10JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 9Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
7
The frequency relationship shown here is applicable to all Q outputs (Q0, Q1,
Q2, Q3 and Q4).
1:2 INPUT TO "Q" OUTPUT
FREQUENCYRELATIONSHIP
Inthisapplication,theQ/2outputisconnectedtotheFEEDBACKinput. The
internal PLL will line up the positive edges of Q/2 and SYNC, thus the Q/2
frequency will equal the SYNC frequency. The Q outputs (Q0-Q4,
Q5) will
always run at 2X the Q/2 frequency, and the 2Q output will run at 4X the Q/2
frequency.
1:1 INPUT TO "Q" OUTPUT
FREQUENCYRELATIONSHIP
Inthisapplication,theQ4outputisconnectedtotheFEEDBACKinput. The
internal PLL will line up the positive edges of Q4 and SYNC, thus the Q4
frequency (and the rest of the "Q" outputs) will equal the SYNC frequency. The
Q/2 output will always run at 1/2 the Q frequency, and the 2Q output will run
at 2X the Q frequency.
Allowable Input Frequency Range:
40MHz to (f2Q MAX Spec) (for FREQ_SEL HIGH)
20MHz to (f2Q MAX Spec)/2 (for FREQ_SEL LOW)
Allowable Input Frequency Range:
20MHz to (f2Q MAX Spec)/2 (for FREQ_SEL HIGH)
10MHz to (f2Q MAX Spec)/4 (for FREQ_SEL LOW)
2:1 INPUT TO "Q" OUTPUT
FREQUENCYRELATIONSHIP
Inthisapplication,the2QoutputisconnectedtotheFEEDBACKinput. The
internal PLL will line up the positive edges of 2Q and SYNC, thus the 2Q
frequency will equal the SYNC frequency. The Q/2 output will always run at
1/4 the 2Q frequency, and the Q output will run at 1/2 the 2Q frequency.
Figure 3a. Wiring Diagram and Frequency Relationships With Q/
2 Output Feedback
Figure 3c. Wiring Diagram and Frequency Relationships With
2Q Output Feedback
Figure 3b. Wiring Diagram and Frequency Relationships With
Q4 Output Feedback
Allowable Input Frequency Range:
10MHz to ( f2Q MAX Spec)/4 (for FREQ_SEL HIGH)
5MHz to (f2Q MAX Spec)/8 (for FREQ_SEL LOW)
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEED BAC K
REF_SEL
SYNC(0)
VCC(AN)
GN D(AN)
Q4
Q5
2Q
LOW
50 M Hz signal
12.5 M Hz feedback signal
HIGH
HIGH
HIGH
25 MHz
"Q"
C lock
Outputs
12.5 MHz
input
LF
FC T388915T
RST
OE/
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEED BAC K
REF_SEL
SYNC (0)
VCC(AN)
GN D(AN )
Q4
Q5
2Q
LOW
50 M H z signal
25 M Hz feedback signal
HIGH
HIGH
HIGH
25 M Hz
"Q"
C lock
O utputs
25 M H z
input
12.5 M Hz
signal
LF
FC T388915T
RST
OE/
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEED BACK
REF_SEL
SYNC(0)
VCC(AN)
GND(AN)
Q4
Q5
2Q
LOW
50 M Hz feedback signal
HIGH
HIGH
HIGH
25 M Hz
"Q"
Clock
Outputs
50 M Hz
input
12.5 MHz
input
LF
FCT388915T
RST
OE/


Similar Part No. - 74FCT388915T10JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Similar Description - 74FCT388915T10JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com