Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82P20516DBFBLANK Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT82P20516DBFBLANK
Description  16-Channel Short Haul E1 Line Interface Unit
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82P20516DBFBLANK Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT82P20516DBFBLANK Datasheet HTML 4Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 5Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 11Page - Integrated Device Technology IDT82P20516DBFBLANK Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
8
December 17, 2009
IDT82P20516
 2009 Integrated Device Technology, Inc.
DSC-7266/-
16-Channel
Short Haul E1 Line Inter-
face Unit
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
Integrates 16 channels E1 short haul line interface units for 120
Ω E1 twisted pair cable and 75 Ω E1 coaxial cable applications
Per-channel configurable Line Interface options
• Fully integrated and software selectable receive and transmit
termination
Option 1: Fully Internal Impedance Matching with integrated receive
termination resistor
Option 2: Partially Internal Impedance Matching with common external
resistor for improved device power dissipation
Option 3: External impedance Matching termination
• Supports global configuration and per-channel configuration to
E1 mode
Per-channel programmable features
• Provides E1 short haul waveform templates and user-
programmable arbitrary waveform templates
• Provides two JAs (Jitter Attenuator) for each channel of receiver
and transmitter
• Supports AMI/HDB3 (for E1) encoding and decoding
Per-channel System Interface options
• Supports Single Rail, Dual Rail with clock or without clock and
sliced system interface
• Integrated Clock Recovery for the transmit interface to recover
transmit clock from system transmit data
Per-channel system and diagnostic functions
• Provides transmit driver over-current detection and protection
with optional automatic high impedance of transmit interface
• Detects and generates PRBS (Pseudo Random Bit Sequence),
ARB (Arbitrary Pattern) and IB (Inband Loopback) in either
receive or transmit direction
• Provides defect and alarm detection in both receive and transmit
directions.
Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ
(Excessive Zeroes)
Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS
(Transmit LOS) and AIS (Alarm Indication Signal)
• Programmable LLOS detection /clear levels. Compliant with ITU
and ANSI specifications
• Various pattern, defect and alarm reporting options
Serial hardware LLOS reporting (LLOS, LLOS0) for all 16 channels
Register access to individual registers or 16-bit error counters
• Supports Analog Loopback, Digital Loopback and Remote
Loopback
• Supports line monitor
Hitless Protection Switching (HPS) without external Relays
• Supports 1+1 and 1:1 hitless protection switching
• Asynchronous hardware control (OE, RIM) for fast global high
impedance of receiver and transmitter (hot switching between
working and backup board)
• High impedance transmitter and receiver while powered down
• Per-channel register control for high impedance, independent for
receiver and transmitter
Clock Inputs and Outputs
• Flexible master clock (N x 1.544 MHz or N x 2.048 MHz) (1
≤ N ≤
8, N is an integer number)
• Integrated clock synthesizer can multiply or divide the reference
clock to a wide range of frequencies: 8 KHz, 64 KHz, 2.048 MHz,
4.096 MHz, 8.192 MHz, 19.44 MHz and 32.768 MHz
Microprocessor Interface
• Supports Serial microprocessor interface
Other Key Features
• IEEE1149.1 JTAG boundary scan
• Two general purpose I/O pins
• 3.3 V I/O with 5 V tolerant inputs
• 3.3 V and 1.8 V power supply
• Package: 484-pin Fine Pitch BGA (19 mm X 19 mm)
Applicable Standards
• Bellcore TR-TSY-000009, GR-253-CORE and GR-499-CORE
• ETSI CTR12/13
• ETS 300166 and ETS 300 233
• G.703, G.735, G.736, G.742, G.772, G.775, G.783 and G.823
• O.161


Similar Part No. - IDT82P20516DBFBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
More results

Similar Description - IDT82P20516DBFBLANK

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com