Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2305NZT-1DCG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 2305NZT-1DCG8
Description  2.5V CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305NZT-1DCG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  2305NZT-1DCG8 Datasheet HTML 1Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 2Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 3Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 4Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 5Page - Integrated Device Technology 2305NZT-1DCG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT2305NZT
2.5VCLOCKBUFFER
REF
CLK1
2
3
4
8
7
6
5
1
CLK2
GND
CLKOUT
CLK4
VDD
CLK3
PIN CONFIGURATION
SOIC
TOP VIEW
Symbol
Rating
Max.
Unit
VDD
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
Input Voltage Range (REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5 to
V
(except REF)
VDD+0.5
IIK (VI < 0)
Input Clamp Current
–50
mA
IO (VO = 0 to VDD)
ContinuousOutputCurrent
±50
mA
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(in still air)(3)
TSTG
StorageTemperatureRange
–65 to +150
°C
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)
APPLICATIONS:
• SDRAM
• Telecom
• Datacom
• PC Motherboards/Workstations
• Critical Path Delay Designs
Pin Name
Pin Number
Type
Functional Description
REF(1)
1
IN
Input reference clock, 3.3V tolerant input
CLK2(2)
2
OUT
Output clock
CLK1(2)
3
OUT
Output clock
GND
4
GND
Ground
CLK3(2)
5
OUT
Output clock
VDD
6
PWR
2.5V Supply
CLK4(2)
7
OUT
Output clock
CLKOUT(2)
8
OUT
Output clock
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150°C and a board trace length of 750 mils.


Similar Part No. - 2305NZT-1DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2305NZT-1DCG8 RENESAS-2305NZT-1DCG8 Datasheet
287Kb / 7P
   2.5V CLOCK BUFFER
JANUARY 2012
More results

Similar Description - 2305NZT-1DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2305NZT RENESAS-IDT2305NZT Datasheet
287Kb / 7P
   2.5V CLOCK BUFFER
JANUARY 2012
logo
Integrated Device Techn...
IDT2305NZT IDT-IDT2305NZT Datasheet
46Kb / 5P
   2.5V CLOCK BUFFER
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
   2.5V Differential LVDS Clock Buffer
logo
Renesas Technology Corp
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com