Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS32C Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # SS32C
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SS32C Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  SS32C Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS32C Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
正向特性曲线(典型值)
引线温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
TL, Lead temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.01
0
255075
100 125 150 175
3.6
3.0
2.4
1.8
1.2
0.6
0
1
2
4 6
10
20
40
100
80
60
40
20
0
100
SS32C ...... SS320C
特性曲线 Characteristic Curves
正向电压
VF(V)
0.1
1
10
50
0
0.6
1.2
1.6
1.0
0.2
0.8
1.4
0.4
SS32C-SS34C
SS36C
SS310C
大昌电子
DACHANG ELECTRONICS
SS32C--SS34C
SS36C--SS320C
SS315C-SS320C


Similar Part No. - SS32C

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SS32C SEMTECH_ELEC-SS32C Datasheet
228Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SS32C CHENDA-SS32C Datasheet
75Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
SS32C CHENDA-SS32C Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS32C

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
logo
Foshan Blue Rocket Elec...
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
logo
Rugao Dachang Electroni...
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS22B DACHANG-SS22B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
First Silicon Co., Ltd
SK32F FS-SK32F Datasheet
288Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
logo
Rugao Dachang Electroni...
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com