Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4003 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # UF4003
Description  Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

UF4003 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  UF4003 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd UF4003 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF4001 ...... UF4007
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
UF4001 thru
UF4003
UF4005 thru
UF4007
UF4004
10mm
10mm
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
40
30
20
10
0
50
大昌电子
DACHANG ELECTRONICS


Similar Part No. - UF4003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF4003 PFS-UF4003 Datasheet
177Kb / 2P
   ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF4003 WTE-UF4003 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4003 DGNJDZ-UF4003 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4003 TSC-UF4003 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
List of Unclassifed Man...
UF4003 ETC1-UF4003 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - UF4003

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR101G DACHANG-FR101G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
ERB4402 DACHANG-ERB4402 Datasheet
122Kb / 2P
   Plastic fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 1.0A
BA157 DACHANG-BA157 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
UF5400 DACHANG-UF5400 Datasheet
119Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
FR151 DACHANG-FR151 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com