Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5404 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # UF5404
Description  Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

UF5404 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  UF5404 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd UF5404 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
塑封超快速整流二极管
反向电压
50 --- 1000 V
正向电流
3.0 A
1.25
10
200
50
75
UF5400 ...... UF5408
1.7
75
SIYU R
UF
5401
UF
5402
UF
5403
UF
5404
UF
5405
UF
5406
UF
5407
1000
50
100
200
400
600
800
50
100
200
400
600
800 1000
35
70
140
280
420
560
700
20
150
3.0
UF
5408
300
300
210
UF
5400
500
500
350
UF
5401
UF
5402
UF
5403
UF
5404
UF
5405
UF
5406
UF
5407
UF
5408
UF
5400
50
最大正向电压
最大反向电流
TA= 25℃
TA=100℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
V
μA
nS
pF
IR
trr
Cj
Maximum forward voltage
Maximum reverse current
Type junction capacitance
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 3.0A
Plastic Ultra-Fast Recover Rectifier
Reverse Voltage 50 to 1000V
Forward Current 3.0A
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻 Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)
RθJA
1.0
大昌电子
DACHANG ELECTRONICS
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受5 磅 (2.3kg) 拉力。
5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子: 镀锡轴向引线
Terminals: Plated axial leads
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard


Similar Part No. - UF5404

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5404 JGD-UF5404 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5404 SAMYANG-UF5404 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Yea Shin Technology Co....
UF5404 YEASHIN-UF5404 Datasheet
98Kb / 3P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
TAITRON Components Inco...
UF5404 TAITRON-UF5404 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Jinan Jing Heng Electro...
UF5404 JINGHENG-UF5404 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - UF5404

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
FR301 DACHANG-FR301 Datasheet
154Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
RGP30A DACHANG-RGP30A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 3.0A
EGP30A DACHANG-EGP30A Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
UF4001 DACHANG-UF4001 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR151 DACHANG-FR151 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com