Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5232B Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # ZMM5232B
Description  Low reverse leakage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

ZMM5232B Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  ZMM5232B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ZMM5232B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
ZMM5239B
ZMM5240B
ZMM5241B
ZMM5242B
ZMM5243B
ZMM5244B
ZMM5245B
ZMM5246B
ZMM5247B
ZMM5248B
ZMM5249B
ZMM5250B
ZMM5251B
ZMM5252B
ZMM5253B
ZMM5254B
ZMM5255B
ZMM5256B
38.0
9.9
14
8.65
9.55
9.50
10.50
10.45
11.55
11.40
12.60
12.35
13.65
13.30
14.70
14.25
15.75
15.20
16.80
16.15
18.90
17.10
19.95
18.05
21.00
19.00
20.90
22.80
23.75
0.1
12
18
3
2
1
0.1
7.0
8.4
9.1
10
11
13
14
15
17
19
25.20
26.25
23.10
17.85
7.8
7.4
9.0
8.5
20
9.5
20
20
6.2
5.6
7.0
6.6
5.2
5.0
20
25.65
28.35
26.60
29.40
28.50
31.50
21
21
23
4.5
4.2
4.6
0.1
0.1
0.1
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
10
17
13
23
17
33
22
30
15
16
19
21
25
29
35
44
41
49
0.1
0.1
0.1
0.1
0.1
0.1
0.5
0.1
0.1
ZMM5257B
31.35
34.65
25
3.8
0.1
33
58
ZMM5258B
36
34.20
37.80
3.4
0.1
27
70
7.8
7.4
9.0
8.5
20
9.5
20
20
6.2
5.6
7.0
6.6
5.2
5.0
20
4.5
4.2
4.6
3.8
3.4
ZMM52 Series
大昌电子
DACHANG ELECTRONICS
ZMM5259B
ZMM5260B
ZMM5261B
33
40.95
37.05
45.15
40.85
49.35
44.65
30
36
2.7
3.2
3.0
39
43
47
93
80
150
0.1
0.1
0.1
2.7
3.2
3.0
ZMM5262B
ZMM5263B
ZMM5264B
ZMM5265B
ZMM5266B
ZMM5267B
48.45
53.20
57.0
0.1
43
0.1
39
46
58.80
63.0
53.55
2.5
2.2
2.1
58.9
65.1
64.6
71.4
71.25
78.75
52
47
56
1.8
1.7
2.0
0.1
0.1
0.1
51
56
60
62
68
75
150
125
170
230
185
270
0.1
2.5
2.2
2.1
1.8
1.7
2.0


Similar Part No. - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5232B RECTRON-ZMM5232B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5232B SY-ZMM5232B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5232B DIODES-ZMM5232B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5232B JGD-ZMM5232B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5232B PFS-ZMM5232B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5232B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
   Low reverse leakage
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
   Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
   Low reverse leakage
HER201 DEC-HER201 Datasheet
895Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com