Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2U16V1A1A0100 Datasheet(PDF) 3 Page - Unictron Technologies Corporation

Part # H2U16V1A1A0100
Description  10 x 3.2 x 2.0 GPS Chip Antenna (AA065)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2U16V1A1A0100 Datasheet(HTML) 3 Page - Unictron Technologies Corporation

  H2U16V1A1A0100 Datasheet HTML 1Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 2Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2U16V1A1A0100 Datasheet HTML 9Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Tolerances (Unless otherwise specified)
X : ± 1
X.X : ± 0.1
X.XX : ± 0.01
Angle : ±
Hole Dia. : ±
Unictron Technologies Corporation
Website: www.unictron.com
Scale :
Unit:mm
Prepared By : Meiping
Checked By : Chinling
Designed By : Chinling
Approved By : Herbert
THIS
SPECIFICATION
IS
THE
PROPERTY
OF
UNICTRON
TECHNOLOGIES CORPORATION AND SHALL NOT BE REPRODUCED
OR USED IN ALL CIRCUMSTANCES WITHOUT WRITTEN PERMISSION
DOCUMENT
REV.
TITLE: 10 x 3.2 x 2.0 GPS Chip Antenna
(AA065)
NO.
H2U16V1A1A0100
B
PAGE
3
OF
10
5-2.
Return Loss(S11)
Smith Chart
6. Antenna & Test Board Dimensions (unit: mm)
a. Antenna Dimensions
Feed Side


Similar Part No. - H2U16V1A1A0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
More results

Similar Description - H2U16V1A1A0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U1631S1A0100 UNICTRON-H2U1631S1A0100 Datasheet
957Kb / 10P
   10 x 3.2 x 3.9 GPS Chip Antenna (AA064)
H2P14UGTRW0100 UNICTRON-H2P14UGTRW0100 Datasheet
619Kb / 11P
   5.0 x 3.0 x 0.5 GPS Ceramic Chip Antenna (AA095)
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
logo
Transko Electronics, In...
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
   Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
   3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Abracon Corporation
APAE1575R2520ABDD7-T ABRACON-APAE1575R2520ABDD7-T Datasheet
2Mb / 3P
   1575.42MHZ; 25.0 x 25.0 x 2.0mm GPS Patch Antenna
11.13.14
APAE1575R1820ABDC1-T ABRACON-APAE1575R1820ABDC1-T Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
APAE1575R1840AADB7-T ABRACON-APAE1575R1840AADB7-T Datasheet
3Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 4.0mm GPS Patch Antenna
08.20.15
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
   1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
   1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com