Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2U34WGTQW0100 Datasheet(PDF) 3 Page - Unictron Technologies Corporation

Part # H2U34WGTQW0100
Description  3.2x1.6x0.5 WiFi/Bluetooth Ceramic Chip Antenna (AA055)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNICTRON [Unictron Technologies Corporation]
Direct Link  http://www.unictron.com
Logo UNICTRON - Unictron Technologies Corporation

H2U34WGTQW0100 Datasheet(HTML) 3 Page - Unictron Technologies Corporation

  H2U34WGTQW0100 Datasheet HTML 1Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 2Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 3Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 4Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 5Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 6Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 7Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 8Page - Unictron Technologies Corporation H2U34WGTQW0100 Datasheet HTML 9Page - Unictron Technologies Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Tolerances (Unless otherwise specified)
X : ± 1
X.X : ± 0.1
X.XX : ± 0.01
Angle : ±
Hole Dia. : ±
Unictron Technologies Corporation
Website: www.unictron.com
Scale :
Unit:mm
Prepared By : Meiping
Checked By :Chinling
Designed By : Andrew
Approved By :Herbert
THIS
SPECIFICATION
IS
THE
PROPERTY
OF
UNICTRON
TECHNOLOGIES CORPORATION AND SHALL NOT BE REPRODUCED
OR USED IN ALL CIRCUMSTANCES WITHOUT WRITTEN PERMISSION
DOCUMENT
REV.
TITLE: 3.2x1.6x0.5 WiFi/Bluetooth Ceramic
Chip Antenna (AA055)
NO.
H2U34WGTQW0100
F
PAGE
3
OF
11
5-2.
Return Loss(S11)
VSWR
6. Antenna Dimensions & Test Board (unit: mm)
a. Antenna Dimensions
Feed Side


Similar Part No. - H2U34WGTQW0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U34W1H1Q0300 UNICTRON-H2U34W1H1Q0300 Datasheet
1Mb / 12P
   3.2 x 1.6 x 0.5 WiFi / HDMI Ceramic Chip Antenna (AA106)
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
   WiFi/Bluetooth Ceramic Chip Antenna
More results

Similar Description - H2U34WGTQW0100

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
   WiFi/Bluetooth Ceramic Chip Antenna
logo
Suzhou Maswell Communic...
AN_W_CA_3216_P01 MASWELL-AN_W_CA_3216_P01 Datasheet
677Kb / 7P
   Maswell WiFi/Bluetooth Chip Antenna
AN_W_CA_5020_M01 MASWELL-AN_W_CA_5020_M01 Datasheet
573Kb / 7P
   Maswell WiFi/Bluetooth Chip Antenna
logo
Pulse A Technitrol Comp...
W3300 PULSE-W3300 Datasheet
1Mb / 6P
   Bluetooth / WLAN / WiFi Antenna Ceramic Chip Antenna (ground cleared under antenna)
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
   WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
   WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
Abracon Corporation
ACA-102-T ABRACON-ACA-102-T Datasheet
1Mb / 3P
   WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
10.03.13
ACAG0301-24505500-EVB ABRACON-ACAG0301-24505500-EVB Datasheet
1Mb / 4P
   Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
08-20-19
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
   Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACAR3005-C2WB ABRACON-ACAR3005-C2WB Datasheet
747Kb / 10P
   LPWA/WiFi Ceramic Chip Antenna
11.09.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com