Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL411BKLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DBL411BKLFT
Description  Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, and QPI
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL411BKLFT Datasheet(HTML) 6 Page - Integrated Device Technology

  9DBL411BKLFT Datasheet HTML 1Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBL411BKLFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IDT® Four Output Low Power Differential Buffer for PCI Express for Gen1, Gen2, and QPI
1645C—10/18/10
Advance Information
9DBL411B
Four Output Low Power Differential Buffer for PCI Express Gen1, Gen2, and QPI
6
AC Electrical Characteristics - DIF Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
NOTES
Rising Edge Slew Rate
t
SLR
Differential Measurement
1.5
4
V/ns
1,2
Falling Edge Slew Rate
t
FLR
Differential Measurement
1.5
4
V/ns
1,2
Slew Rate Variation
t
SLVAR
Single-ended Measurement
20
%
1
Maximum Output Voltage
V
HIGH
Includes overshoot
1150
mV
1
Minimum Output Voltage
V
LOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
V
SWING
Differential Measurement
1200
mV
1
Crossing Point Voltage
V
XABS
Single-ended Measurement
300
550
mV
1,3,4
Crossing Point Variation
V
XABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle Distortion
D
CYCDIS0
Differential Measurement,
fIN<=133.33MHz
3%
1,6
Additive Cycle to Cycle Jitter
DIFJ
C2CADD
Differential Measurement,
Additive
15
ps
1
DIF[3:0] Skew
DIF
SKEW
Differential Measurement
50
ps
1
Propagation Delay
t
PD
Input to output Delay
2.5
3.5
ns
1
Additive Phase Jitter - PCIe
Gen1
t
phase_addPCIG1
1.5MHz < 22MHz
6
ps Pk-Pk
1,9
Additive Phase Jitter - PCIe
Gen2 High Band
t
phase_addPCIG2HI
High Band is 1.5MHz to Nyquist
(50MHz)
0.16
ps rms
1,9
Additive Phase Jitter PCIe
Gen2 Low Band
t
phase_addPCIG2LO
Low Band is 10KHz to 1.5MHz
0.07
ps rms
1,9
Additive Phase Jitter QPI133
(6.4GBs, 12 UI)
t
phase_addQPI6G4
11MHz to 33MHz
0.04
ps rms
1,9
Notes on Electrical Characteristics (all measurements use 9LRS3187B as clock source and RS=33ohms/CL=2pF test load):
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
9 The 9DBL411B has no PLL, so the part itself contributes very little jitter to the input clock. But this also means that the 9DBL411
cannot 'de-jitter' a noisy input clock. Values calculated per PCI SIG and per Intel Clock Jitter tool version 1.5
8 Maximum input voltage is not to exceed maximum VDD
6 This figure refers to the maximum distortion of the input wave form.
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and
falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.
7 Operation under these conditions is neither implied, nor guaranteed.


Similar Part No. - 9DBL411BKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBL411B ICST-9DBL411B Datasheet
90Kb / 9P
   20-pin MLF or TSSOP packaging
logo
Renesas Technology Corp
9DBL411B RENESAS-9DBL411B Datasheet
737Kb / 14P
   Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, Gen3, and QPI
Feb 6, 2023
More results

Similar Description - 9DBL411BKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL411B RENESAS-9DBL411B Datasheet
737Kb / 14P
   Four Output Low Power Differential Fanout Buffer for PCI Express Gen1, Gen2, Gen3, and QPI
Feb 6, 2023
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
   Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
logo
Integrated Device Techn...
9DB1200C IDT-9DB1200C Datasheet
155Kb / 14P
   Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
   Four Output Differential Buffer for PCI-Express
2019
logo
Integrated Circuit Syst...
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com